전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1591T 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1591T
상세내용  PLL stereo decoder and noise blanker
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 9 page
background image
1996 Sep 02
9
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
Fig.3 Input signal as a function of series input resistor R1.
handbook, full pagewidth
300
R1 (k
Ω)
100
0
(V)
0
200
2
4
Vi MPX(p-p)
MEH029
Fig.4
Overall signal gain as a function of feedback
resistors R2 and R3 (R1 = 150 k
Ω).
handbook, halfpage
G
(dB)
020
40
60
R2, R3 (k
Ω)
0
−2
−4
−6
2
4
6
MEH030
Fig.5 Stereo blend characteristic (SNC).
handbook, halfpage
−200
−100
0
control voltage V16−17 (mV)
50
40
30
20
10
0
αcs
(dB)
MEH031




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1592PLL stereo decoder and noise blanker 1 2 3 4 5 MoreNXP Semiconductors
TDA4340XStereo Decoder/Noise Blanker 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA1005AFREQUENCY MULTIPLEX PLL STEREO DECODER 1 2 3 4 5 MoreNXP Semiconductors
TDA9853HI2C-bus controlled economic BTSC stereo decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
TCA4511-2PLL Stereo decoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PCM1740Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL 1 2 3 4 5 MoreBurr-Brown (TI)
TDA6650TT5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner digital and analog 1 2 3 4 5 MoreNXP Semiconductors
TDA9855I2C-bus controlled BTSC stereo/SAP decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
LM4982Ground-Referenced Ultra Low Noise 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl