전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1593 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA1593
상세설명  IF amplifier/demodulator for FM car radio receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1593 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA1593 Datasheet HTML 1Page - NXP Semiconductors TDA1593 Datasheet HTML 2Page - NXP Semiconductors TDA1593 Datasheet HTML 3Page - NXP Semiconductors TDA1593 Datasheet HTML 4Page - NXP Semiconductors TDA1593 Datasheet HTML 5Page - NXP Semiconductors TDA1593 Datasheet HTML 6Page - NXP Semiconductors TDA1593 Datasheet HTML 7Page - NXP Semiconductors TDA1593 Datasheet HTML 8Page - NXP Semiconductors TDA1593 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Oct 10
5
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
FUNCTIONAL DESCRIPTION
The limiter amplifier has five stages of IF amplification
using balanced differential limiter amplifiers with emitter
follower coupling.
Decoupling of the stages from the supply voltage line and
an internal high-ohmic DC feedback loop give a very stable
IF performance. The amplifier gain is virtually independent
of changes in temperature.
The FM demodulator is fully balanced and compromises
two cross-coupled differential amplifiers.
The quadrature detection of the FM signal is performed by
direct feeding of one differential amplifier from the limiter
amplifier output, and the other via an external 90 degrees
phase shifting network. The demodulator has a good
stability and a small zero-cross-over shift. The bandwidth
of the demodulator output is restricted by an internal
low-pass filter to approximately 1 MHz. Non-linearities,
which are introduced by demodulation, are compensated
by the THD compensation circuit. For this reason, the
demodulator resonance circuit (between pins 10 and 11)
must have a loaded Q-factor of 19. Consequently, there is
no need for the demodulator tuned circuit to be adjusted
for minimum distortion. Adjustment criterion is a
symmetrical stop pulse. The control voltage for the mute
attenuator (pin 16) is derived from the values of the level
detector and the detuning detector output signals.
The mute attenuator has a fast attack and a slow decay
determined by the capacitor on pin 16. The AF signal is fed
via the mute attenuator to the output (pin 4). A weighted
control voltage (pin 6) is obtained from the mute attenuator
control voltage via a buffer amplifier that introduces an
additional voltage shift and gain.
The level detector generates a voltage output signal
proportional to the amplitude of the input signal.
The unweighted level detector output signal is available.
The open-collector tuning stop output voltages STOP-0
and STOP-1 (pins 15 and 14) are derived from the
detuning and the input signal level. The pins 14 and 15
may be tied together, if only one tuning-stop output is
required.
TDA1593
MBE513
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VP
LVA
ULV
Vref
VoAF
WLV
DDV
DEMI1
DEMI2
TSW
ST0
ST1
MUTE
LFB1
GND
ViIF
LFB2
n.c.
Fig.2 Pin configuration for DIP-version.
TDA1593T
MBE514
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VP
LVA
ULV
Vref
VoAF
WLV
DDV
n.c.
n.c.
DEMI1
DEMI2
TSW
ST0
ST1
MUTE
LFB1
GND
ViIF
LFB2
n.c.
Fig.3 Pin configuration for SO-version.


유사한 부품 번호 - TDA1593

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

유사한 설명 - TDA1593

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com