전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1593T 데이터시트(Datasheet) 8 Page - NXP Semiconductors

부품명 TDA1593T
상세내용  IF amplifier/demodulator for FM car radio receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 8 page
background image
1996 Oct 10
8
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
Note
1.
Internal mute
α; note 1
α
mute voltage
V16 ≥ Vref
0
dB
V16 = 0.77Vref
1.5
4.5
dB
V16 = 0.55Vref
20
dB
I16
current for capacitor (pin 16)
charge current
V13 =0V
−−8
−µA
discharge current
V13 =0V
+120
−µA
charge current
V13 =Vref
−−100
−µA
discharge current
V13 =Vref
+120
−µA
Level detector
R6
output resistance
−−
500
V6
output voltage at I2 =0
V20 ≤ 5 µV (RMS); see Fig.11
0.1
1.1
V
V20 = 1 mV (RMS)
3.0
4.2
V
±200 kHz detuning
1.2
1.5
1.8
V
∆V6
output voltage at detuning
±45 kHz detuning
−−
0.2
V
TC
temperature coefficient
3.3
mV/K
S
steepness of control voltage
slope: 50
µV ≤ V20 ≤ 50 mV;
20
∆log V
20 =20dB
1.4
1.7
2.0
V/dec
∆V6/∆f
slope of output voltage at
detuning
∆f = 125 ±20 kHz
35
mV/kHz
S
level shift adjustments
range by pin 2
±∆V6/Vref
0.42
0.5
V/V
gain
−∆V6/∆V2
1.7
V/V
range by pin 2
±∆V16/Vref
0.21
0.25
V/V
gain
−∆V16/∆V2
0.85
V/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MIN.
UNIT
∆V
6
V
20
log
---------------------



α
20
∆V
4FM
MUTE
OFF
()
∆V
4FM
MUTE
ON
()
-------------------------------------------------------
log
=




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
AN7293NSCFM-IF NC MPX IC for car radio 1 2 3 4 5 Panasonic Semiconductor
TDA7375A2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
TDA1596TIF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
NTE7053Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio 1 2 3 NTE Electronics
AN7298FBPFM-IF NC and MPX IC for car radio 1 2 3 4 5 MorePanasonic Semiconductor
TDA7376B2 x 35W POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
LA1178MFM Front End for Car Radio Home Radio-Use 1 2 3 4 5 MoreSanyo Semicon Device
TDA1597IF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl