전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1593T 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1593T
상세내용  IF amplifier/demodulator for FM car radio receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 10 page
background image
1996 Oct 10
10
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
Fig.4 Test circuit.
22 nF
22 nF
27
k
27
k
3.3
k
100
pF
IF
Q L=19
100
nF
level (weighted)
level (unweighted)
V
V
oAF
VoAF
ref (3.7 V)
n.c.
n.c.
3.9 k
10 k
10
220 k
S3
S2
S1
4.7 nF
100 nF
Vp
( 8.5 V)
IF=10.7 MHz
R2
50
Vmute
STOP 0
STOP 1
5 V
47
nF
220 nF
n.c.
R1
150
20
1
2
3
4
5
6
7
89
10
19
18
17
16
15
14
13
12
11
TDA1593T
(unweighted)
(weighted)
MBE511




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
AN7293NSCFM-IF NC MPX IC for car radio 1 2 3 4 5 Panasonic Semiconductor
TDA7375A2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
TDA1596TIF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
NTE7053Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio 1 2 3 NTE Electronics
AN7298FBPFM-IF NC and MPX IC for car radio 1 2 3 4 5 MorePanasonic Semiconductor
TDA7376B2 x 35W POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
LA1178MFM Front End for Car Radio Home Radio-Use 1 2 3 4 5 MoreSanyo Semicon Device
TDA1597IF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl