전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1599 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1599
상세내용  IF amplifier/demodulator for FM radio receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 10 page
background image
May 1994
10
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1599
V8
voltage on capacitor
I7 = 0;
2.2
V
Vi ≤ 5 µV RMS on
input pin 20
Level detector (I2 = 0)
V6
output voltage
V20 ≤ 5 µV RMS
0.1
1.1
V
V20 = 1 mV RMS
3.0
4.2
V
Reference voltage source (pin 5)
VREF
reference output voltage
I5 = −1 mA
3.3
3.7
4.1
V
Operation with AM-IF
Level and stop information (on pins 6,13, 14, 15 and 16) is provided for the modes FM-MUTE-ON and
FM-MUTE-OFF. This information is also available in the FM-OFF mode when an AM-IF signal is input (for example
455 kHz). This can also provide a valid detuning information when a suitable AM-IF resonance circuit is provided for
demodulator (Fig.18).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.4 Test circuit (TDA1599 pinning in parenthesis).




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1593IF amplifier/demodulator for FM car radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1596IF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1596TIF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1597IF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1701INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS 1 List of Unclassifed Manufacturers
TEA6850IF filter / amplifier / demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1574Integrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1574TIntegrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
LC7265Received Frequency Display for Radio Receivers 1 2 3 4 5 MoreSanyo Semicon Device
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl