전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1599T 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1599T
상세내용  IF amplifier/demodulator for FM radio receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
May 1994
6
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1599
LIMITING VALUES (TDA1599T PINNING)
In accordance with the Absolute Maximum Rating System (IEC 134).
Note to the limiting values
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 1)
−0.3
+13
V
Vn1
voltage at pins 2, 4, 5, 6, 10, 11 and 16
−0.3
+10
V
Vn2
voltage at pins 7, 3, 8, 14, 15, 18, 19 and 20
−0.3
VP
V
V13
voltage on pin 13
6V
I14, 15
current at pins 14 and 15
2mA
Ptot
total power dissipation
360
mW
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
VESD
electrostatic handling; note 1
all pins except 5 and 7
−±2000
V
pin 5
+800
V
−2000
V
pin 7
+1000
V
−2000
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
SOT102
80 K/W
SOT163A
90 K/W




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1593IF amplifier/demodulator for FM car radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1596IF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1596TIF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1597IF amplifier/demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1701INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS 1 List of Unclassifed Manufacturers
TEA6850IF filter / amplifier / demodulator for FM radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1574Integrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1574TIntegrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
LC7265Received Frequency Display for Radio Receivers 1 2 3 4 5 MoreSanyo Semicon Device
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl