전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2611A 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA2611A
상세설명  5 W audio power amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2611A 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA2611A Datasheet HTML 1Page - NXP Semiconductors TDA2611A Datasheet HTML 2Page - NXP Semiconductors TDA2611A Datasheet HTML 3Page - NXP Semiconductors TDA2611A Datasheet HTML 4Page - NXP Semiconductors TDA2611A Datasheet HTML 5Page - NXP Semiconductors TDA2611A Datasheet HTML 6Page - NXP Semiconductors TDA2611A Datasheet HTML 7Page - NXP Semiconductors TDA2611A Datasheet HTML 8Page - NXP Semiconductors TDA2611A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
November 1982
2
Philips Semiconductors
Product specification
5 W audio power amplifier
TDA2611A
The TDA2611A is a monolithic integrated circuit in a 9-lead single in-line (SIL) plastic package with a high supply voltage
audio amplifier. Special features are:
• possibility for increasing the input impedance
• single in-line (SIL) construction for easy mounting
• very suitable for application in mains-fed apparatus
• extremely low number of external components
• thermal protection
• well defined open loop gain circuitry with simple quiescent current setting and fixed integrated closed loop gain.
QUICK REFERENCE DATA
PACKAGE OUTLINE
9-lead SIL; plastic (SOT110B); SOT110-1; 1996 July 23.
Supply voltage range
VP
6 to 35 V
Repetitive peak output current
IORM
<
1,5 A
Output power at dtot = 10%
VP = 18 V; RL = 8 Ω
Po
typ.
4,5 W
VP = 25 V; RL = 15 Ω
Po
typ.
5 W
Total harmonic distortion at Po < 2 W; RL = 8 Ω
dtot
typ.
0,3 %
Input impedance
|Z
i|
typ.
45 k
Total quiescent current at VP = 18 V
Itot
typ.
25 mA
Sensitivity for Po = 2,5 W; RL = 8 Ω
Vi
typ.
55 mV
Operating ambient temperature
Tamb
−25 to + 150 °C
Storage temperature
Tstg
−55 to + 150 °C


유사한 부품 번호 - TDA2611A

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results

유사한 설명 - TDA2611A

제조업체부품명데이터시트상세설명
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com