전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DER-110 데이터시트(PDF) 1 Page - Power Integrations, Inc.

부품명 DER-110
상세설명  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERINT [Power Integrations, Inc.]
홈페이지  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 데이터시트(HTML) 1 Page - Power Integrations, Inc.

  DER-110 Datasheet HTML 1Page - Power Integrations, Inc. DER-110 Datasheet HTML 2Page - Power Integrations, Inc. DER-110 Datasheet HTML 3Page - Power Integrations, Inc. DER-110 Datasheet HTML 4Page - Power Integrations, Inc. DER-110 Datasheet HTML 5Page - Power Integrations, Inc. DER-110 Datasheet HTML 6Page - Power Integrations, Inc. DER-110 Datasheet HTML 7Page - Power Integrations, Inc. DER-110 Datasheet HTML 8Page - Power Integrations, Inc. DER-110 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
7.3 W Dual Output Non-Isolated Power
Supply using TNY266P
Specification
Input: 90 265 VAC
Output: 5V / 500mA, 24V / 200mA
Application
Cook Top Control
Author
Power Integrations Applications Department
Document
Number
DER-110
Date
October 26, 2005
Revision
1.0
Summary and Features
• Compact 1.5” X 2” X 1” PCB footprint
• Total output power 6.0 W with TNY266P and EE16 core
• Typical Efficiency 75 %
• Good cross regulation using low-cost zener
• Meets EN55022 class B conducted EMI test without Y1 safety capacitor
• No Optocoupler used in the feedback loop
The products and applications illustrated herein (including circuits external to the products and transformer construction)
may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations.
A complete list of Power Integrations’ patents may be found at www.powerint.com.


유사한 부품 번호 - DER-110

제조업체부품명데이터시트상세설명
logo
Power Integrations, Inc...
DER-111 POWERINT-DER-111 Datasheet
672Kb / 23P
   3.15W Adapter with < 100 mW standby using LNK500P
DER-112 POWERINT-DER-112 Datasheet
339Kb / 17P
   20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
   5 W, 5 V Charger using TNY274P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
More results

유사한 설명 - DER-110

제조업체부품명데이터시트상세설명
logo
Power Integrations, Inc...
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
   1.2 W, Non-isolated Dual Output Supply for White Goods
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
DER-47 POWERINT-DER-47 Datasheet
86Kb / 9P
   2W Non-isolated Power Supply using LNK305P
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
   1.8W non-isolated Power Supply using LNK304
DI-80 POWERINT-DI-80 Datasheet
300Kb / 2P
   0.6 W Non-Isolated Utility Meter Power Supply
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
ID-50 MEANWELL-ID-50 Datasheet
354Kb / 2P
   50W Isolated Dual Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com