전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP2525 데이터시트(PDF) 4 Page - SYNC POWER Crop.

부품명 SP2525
상세설명  Low ESR Cap. & Low Power High-speed CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNC-POWER [SYNC POWER Crop.]
홈페이지  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP2525 데이터시트(HTML) 4 Page - SYNC POWER Crop.

  SP2525 Datasheet HTML 1Page - SYNC POWER Crop. SP2525 Datasheet HTML 2Page - SYNC POWER Crop. SP2525 Datasheet HTML 3Page - SYNC POWER Crop. SP2525 Datasheet HTML 4Page - SYNC POWER Crop. SP2525 Datasheet HTML 5Page - SYNC POWER Crop. SP2525 Datasheet HTML 6Page - SYNC POWER Crop. SP2525 Datasheet HTML 7Page - SYNC POWER Crop. SP2525 Datasheet HTML 8Page - SYNC POWER Crop. SP2525 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2006/08/11
Ver.1
Page 4
SP2525
Low ESR Cap. & Low Power High-speed CMOS LDO
ELECTRICAL CHARACTERISTICS
(TA=25℃ , Unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VOUT(E) 1
VIN=VOUT+1.0V,IOUT= 30mA x 0.98
VOUT(T)
x 1.02
V
Maximum Output Current
IOUT
VIN≥VOUT+1.0 V
300
mA
Load Regulation
V
OUT 2
VIN=VOUT+1.0 V
1.0 mA ≤IOUT ≤ 300 mA
VOUT(T)
X1.0%
V
Vdif 1
IOUT=30mA
E1
mV
Dropout Voltage
Vdif 2
IOUT=150mA
E2
mV
Supply Current
IDD
VIN=5V
15
25
40
uA
Line Regulations
VOUT /
( △VIN – VOUT )
VOUT+0.5 V ≤VIN≤7V
IOUT=30 mA
0.025
0.1
%/V
Input Voltage
VIN
1.8
7
V
Output Voltage
Temperature
Characteristics
V
OUT
/
(T
opr
– VOUT)
VIN=VOUT+1.0V,IOUT=10mA
-40℃≦Topr≦85℃
±
100
ppm/℃
Ripple-Rejection
|PSRR|
VIN=VOUT+1.0V,f=1 kHz
Vrip=0.5Vrms, IOUT=60 mA
55
dB
Ripple-Rejection
|PSRR|
VIN=VOUT+1.0V,f=10 kHz
Vrip=0.5Vrms, IOUT=60 mA
45
dB
Short Current
Ishort
VIN=VOUT+1.0V, VOUT=VSS
50
mA
(NOTE 1) VOUT(T) = Specified Output Voltage
(NOTE 2) VOUT(E) = Effective Output Voltage (le. The output voltage when "VOUT(T)+1.0V" is provided at the VIN
pin while maintaining a certain IOUT value.)
(NOTE 3) Vdif = {VIN 1 (NOTE5) + VOUT 1 (NOTE4)}
(NOTE 4) VOUT1 = A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T) +
1.0V} is input.
(NOTE 5) VIN 1 = The Input Voltage when VOUT 1 appears as Input Voltage is gradually decreased.
(NOTE 6) Unless otherwise stated, VIN = VOUT(T)+1.0V
DROPOUT VOLTAGE LIST ( E1 / E2 )
E1 (IOUT=30mA)
E2( IOUT=150mA)
VOUT
(
TA=25℃)
TYP
MAX
TYP
MAX
1.8
180
210
350
400
2.5
60
100
240
290
2.8
60
100
220
270
3.3
50
90
200
250


유사한 부품 번호 - SP2525

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-1EN SIPEX-SP2525-1EN Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-1EN/TR SIPEX-SP2525-1EN/TR Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-2EN SIPEX-SP2525-2EN Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2525-2EN/TR SIPEX-SP2525-2EN/TR Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
More results

유사한 설명 - SP2525

제조업체부품명데이터시트상세설명
logo
Stanson Technology
ST6205 STANSON-ST6205 Datasheet
296Kb / 8P
   Low ESR Low Power High-Speed CMOS LDO
logo
SYNC POWER Crop.
SP2524 SYNC-POWER-SP2524 Datasheet
432Kb / 10P
   Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com