전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4002FF 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 1N4002FF
상세설명  Axial Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4002FF 데이터시트(HTML) 1 Page - ON Semiconductor

  1N4002FF Datasheet HTML 1Page - ON Semiconductor 1N4002FF Datasheet HTML 2Page - ON Semiconductor 1N4002FF Datasheet HTML 3Page - ON Semiconductor 1N4002FF Datasheet HTML 4Page - ON Semiconductor 1N4002FF Datasheet HTML 5Page - ON Semiconductor 1N4002FF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 12
1
Publication Order Number:
1N4001/D
1N4001, 1N4002, 1N4003,
1N4004, 1N4005, 1N4006,
1N4007
1N4004 and 1N4007 are Preferred Devices
Axial Lead Standard
Recovery Rectifiers
This data sheet provides information on subminiature size, axial
lead mounted rectifiers for general−purpose low−power applications.
Features
Shipped in plastic bags, 1000 per bag
Available Tape and Reeled, 5000 per reel, by adding a “RL” suffix to
the part number
Available in Fan−Fold Packaging, 3000 per box, by adding a “FF”
suffix to the part number
Pb−Free Packages are Available
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 0.4 gram (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds, 1/16 in. from case
Polarity: Cathode Indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CASE 59−10
AXIAL LEAD
PLASTIC
LEAD MOUNTED RECTIFIERS
50−1000 VOLTS
DIFFUSED JUNCTION
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
See detailed ordering and shipping information on page 4 of
this data sheet.
ORDERING INFORMATION
A
= Assembly Location
1N400x = Device Number
x
= 1, 2, 3, 4, 5, 6 or 7
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com
A
1N400x
YYWW
G
G


유사한 부품 번호 - 1N4002FF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1N4002FF ONSEMI-1N4002FF Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
More results

유사한 설명 - 1N4002FF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com