전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4655 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA4655
상세설명  Generic multi-standard decoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4655 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA4655 Datasheet HTML 3Page - NXP Semiconductors TDA4655 Datasheet HTML 4Page - NXP Semiconductors TDA4655 Datasheet HTML 5Page - NXP Semiconductors TDA4655 Datasheet HTML 6Page - NXP Semiconductors TDA4655 Datasheet HTML 7Page - NXP Semiconductors TDA4655 Datasheet HTML 8Page - NXP Semiconductors TDA4655 Datasheet HTML 9Page - NXP Semiconductors TDA4655 Datasheet HTML 10Page - NXP Semiconductors TDA4655 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
June 1993
7
Philips Semiconductors
Preliminary specification
Generic multi-standard decoder
TDA4655
CHARACTERISTICS
Measured with application circuit (Fig.4) at Tamb = +25 °C, 8 V supply, 75% colour bar chrominance input signal of
200 mV (peak-to-peak value) and nominal phase for NTSC unless otherwise specified. All voltages measured
referenced to ground.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
7.2
8.0
8.8
V
I
supply current
VP = 8.0 V
without load
25
31
37
mA
Ptot
total power dissipation
VP = 8.0 V
without load
248
296
mW
CD signal outputs (pins 1 and 3)
PAL or NTSC
V1
colour difference output signals
independent of supply voltage; note 1
−(R-Y) output PAL and NTSC 4.43 MHz
(peak-to-peak value)
442
525
624
mV
NTSC 3.58 MHz (peak-to-peak value)
370
440
523
mV
V3
−(B-Y) output PAL and NTSC 4.43 MHz
(peak-to-peak value)
559
665
791
mV
NTSC 3.58 MHz (peak-to-peak value)
468
557
662
mV
VPAL/VNTSC
signal ratio PAL/NTSC 3.58 MHz
note 2
0.5
1.5
2.5
dB
V1/V3
ratio of CD signal amplitudes
V(R-Y) / V(B-Y)
note 2
0.75
0.79
0.83
m
signal linearity
−(R-Y) output
V1 = 0.8 V (p-p)
0.8
−−−
signal linearity
−(B-Y) output
V3 = 1.0 V (p-p)
0.8
−−−
fg
cut-off frequency (both outputs)
−3 dB
1
MHz
td
chrominance delay time
220
270
320
ns
S/N
signal to noise ratio for nominal output
voltages
note 3
40
−−
dB
V1, V3
residual carrier at CD outputs:
1
× subcarrier frequency
(peak-to-peak value)
−−
10
mV
2
× subcarrier frequency
(peak-to-peak value)
note 4
−−
30
mV
H/2 content at R-Y output at nominal input
signal (peak-to-peak value)
−−
10
mV
A
crosstalk between CD Channels
−40
−−
dB
R1, R3
output resistance (npn emitter follower)
−−
200
I1, I3
output current
−−−3mA
SECAM
V1
colour difference output signals
independent of supply voltage; note 5
−(R-Y) output (peak-to-peak value)
0.95
1.05
1.15
V
V3
−(B-Y) output (peak-to-peak value)
1.20
1.33
1.46
V
V1/V3
ratio of CD signal amplitudes V(R-Y)/(B-Y)
0.75
0.79
0.83
m
signal linearity at nominal output voltage
0.8
−−−


유사한 부품 번호 - TDA4655

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4650WP PHILIPS-TDA4650WP Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4651WP PHILIPS-TDA4651WP Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
More results

유사한 설명 - TDA4655

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
logo
Cirrus Logic
CS49400 CIRRUS-CS49400 Datasheet
1Mb / 100P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300_06 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
logo
STMicroelectronics
STA660 STMICROELECTRONICS-STA660 Datasheet
212Kb / 8P
   DAB/DAB/DMB-A multi-standard digital radio decoder
February 2019 Rev 1
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
Fujitsu Component Limit...
MB86H01 FUJITSU-MB86H01 Datasheet
140Kb / 2P
   SD Multi-Standard Decoder for Set-Top-Box and iDTV
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com