전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5100 데이터시트(PDF) 1 Page - Bi technologies

부품명 5100
상세설명  7/8 Diameter Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BITECH [Bi technologies]
홈페이지  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5100 데이터시트(HTML) 1 Page - Bi technologies

  5100 Datasheet HTML 1Page - Bi technologies 5100 Datasheet HTML 2Page - Bi technologies 5100 Datasheet HTML 3Page - Bi technologies 5100 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2-39
Model 5100 Series
MODEL 5100 SERIES
7/8” Diameter
Single Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
200 to 15K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±2%
Independent Linearity
±0.5%
Minimum Practical Independent Linearity
±0.25%
Power Rating, Watts
0.75 at 40°C derating to 0 at 85°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
354° + 2°
Tap Tolerance
±2° <500 Ohms, ±1°
≥500 Ohms
End Voltage, Maximum
Within Std. Linearity Tolerance
MODEL STYLES
5101
1/8" Shaft, 3/8" Bushing
5103
1/8" Shaft, Servo
Specifications subject to change without notice.
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
–25°C to +85°C
Temperature Cycling
5 cycles, –25°C to +85°C
Shock, 6ms Sawtooth
100G’s
Vibration
10G’s, 10 to 500 Hz
Humidity
Five 24 hour cycles
Rotational Load Life
500K shaft rev. plus 900 hrs. at rated wattage at 40°C


유사한 부품 번호 - 5100

제조업체부품명데이터시트상세설명
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
TT Electronics.
5100 TTELEC-5100 Datasheet
710Kb / 4P
   Single-Turn Precision Potentiometer
logo
Moxa Inc.
5100 MOXA-5100 Datasheet
788Kb / 5P
   1-port RS-232/422/485 serial device servers
logo
Sensata Technologies, I...
5100 SENSATA-5100 Datasheet
218Kb / 5P
   HERMETICALLY SEALED THERMOSTAT PROBE
Rev:02/12/18
logo
Chicago Miniature Lamp,...
5100-822 CML-5100-822 Datasheet
30Kb / 1P
   Miniature Relampable Indicator Light
More results

유사한 설명 - 5100

제조업체부품명데이터시트상세설명
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
152 VISHAY-152 Datasheet
324Kb / 4P
   7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com