전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD-70BG2 데이터시트(PDF) 1 Page - Silonex Inc.

부품명 SLD-70BG2
상세설명  Infrared Rejection Filter Planar Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILONEX [Silonex Inc.]
홈페이지  http://www.silonex.com/
Logo SILONEX - Silonex Inc.

SLD-70BG2 데이터시트(HTML) 1 Page - Silonex Inc.

  SLD-70BG2 Datasheet HTML 1Page - Silonex Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5200 St. Patrick St., Montreal
The Old Railway, Princes Street
Que., H4E 4N9, Canada
Ulverston, Cumbria, LA12 7NQ, UK
Tel: 514-768-8000
Tel: 01 229 581 551
Fax: 514-768-8889
Fax: 01 229 581 554
QF-84
SLD-70BG2
Infrared Rejection Filter
Planar Photodiode
Features
Low capacitance, fast switching time
Linear response vs irradiance
IR blocking filter
Multiple dark current ranges available
Description
The planar photodiode is designed to operate in
either photoconductive or photovoltaic modes. This
diode incorporates a BG filter that rejects infrared
wavelengths and approximates the response of the
human eye. High sensitivity and low dark current
allow
use
in
low
irradiance
applications.
The
photodiode measures 3.6 mm X 3.6 mm (0.140” X
0.140”) and is supplied on a ceramic base with a
clear epoxy dome package.
Absolute Maximum Ratings
Storage Temperature
-20
°C to +85°C
Operating Temperature
-20
°C to +85°C
Soldering Temperature (1)
260
°C
Notes: (1) >2 mm from case for < 5 sec.
(2) Ee = source @ 2854
°K
(3) Ee = source @
λ = 580 nm
Chip Size = 3.6 mm X 3.6 mm
Active Area = 9.8 sq.mm.
Optical
Clear Epoxy
Anode
Cathode
Dimensions in mm. (+/- 0.2)
Red dot
BG Filter
1.9
38 nom.
6.3
7.2
3.4
Max.
0.50-0.52
5.1
1.0
0.8
0.6
0.4
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
Half Angle = 60°
Directional Sensitivity Characteristics
20°
40°
60°
80°
100°
120°
0.0
0.2
0.4
0.6
0.8
1.0
Electrical Characteristics (TA=25
°C unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ISC
Short Circuit Current
40
55
µA
VR=0V, Ee=25mW/cm
2 (2)
VOC
Open Circuit Voltage
0.40
V
Ee=25mw/cm
2
(2)
ID
Reverse Dark Current:
SLD-70BG2A
100
nA
VR=100mV, Ee=0
SLD-70BG2B
100
nA
VR=5V, Ee=0
SLD-70BG2C
20
nA
VR=5V, Ee=0
SLD-70BG2D
5
nA
VR=5V, Ee=0
SLD-70BG2E
1
nA
VR=5V, Ee=0
CJ
Junction Capacitance
180
pF
VR=0V, Ee=0, f=1MHz
tR
Rise Time
4
µs
VR=5V, RL=1k
Ω (3)
tF
Fall Time
6
µs
VR=5V, RL=1k
Ω (3)
TCI
Temp. Coef., ISC
+0.2
%/
°C (2)
VBR
Reverse Breakdown Voltage
50
V
IR=100
µA
λ
P
Maximum Sensitivity Wavelength
550
nm
λ
R
Sensitivity Spectral Range
400
700
nm
θ
1/2
Acceptance Half Angle
60
deg
(off center-line)
Specifications subject to change without notice.
103184 REV 0


유사한 부품 번호 - SLD-70BG2

제조업체부품명데이터시트상세설명
logo
Advanced Photonix, Inc.
SLD-70BG2 ADVANCEDPHOTONIX-SLD-70BG2 Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
SLD-70BG2A ADVANCEDPHOTONIX-SLD-70BG2A Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
SLD-70BG2B ADVANCEDPHOTONIX-SLD-70BG2B Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
SLD-70BG2C ADVANCEDPHOTONIX-SLD-70BG2C Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
SLD-70BG2D ADVANCEDPHOTONIX-SLD-70BG2D Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
More results

유사한 설명 - SLD-70BG2

제조업체부품명데이터시트상세설명
logo
Advanced Photonix, Inc.
SLD-70BG2 ADVANCEDPHOTONIX-SLD-70BG2 Datasheet
103Kb / 1P
   Infrared Rejection Filter Planar Photodiode
logo
Silonex Inc.
SLD-68HFBG1 SILONEX-SLD-68HFBG1 Datasheet
28Kb / 1P
   Internal Infrared Rejection Filter Planar Photodiode
SLD-68EBG1 SILONEX-SLD-68EBG1 Datasheet
37Kb / 1P
   Integral Infrared Rejection Filter Planar Photodiode
SLD-70IR1 SILONEX-SLD-70IR1 Datasheet
28Kb / 1P
   Visible Light Rejection Filter Planar Photodiode
SLD-70IR2 SILONEX-SLD-70IR2 Datasheet
27Kb / 1P
   Visible Light Rejection Filter Planar Photodiode
logo
Luna Innovations Incorp...
SLD-68-026 LUNA-SLD-68-026 Datasheet
480Kb / 2P
   Planar Photodiode Filter
logo
NTE Electronics
NTE3033 NTE-NTE3033 Datasheet
18Kb / 2P
   Infrared Photodiode
logo
Siemens Semiconductor G...
BPX90K SIEMENS-BPX90K Datasheet
145Kb / 2P
   WITH DAYLIGHT FILTER PLANAR SILICON PHOTODIODE
logo
API Delevan
SLD-68-026 API-SLD-68-026 Datasheet
56Kb / 1P
   Planar Photodiode with BG-18 Filter
logo
Silonex Inc.
SLD-68E1 SILONEX-SLD-68E1 Datasheet
36Kb / 1P
   Planar Photodiode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com