전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AIC1531 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 AIC1531
상세설명  500mA Dual Linear Regulator with Internal Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AIC1531 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  AIC1531 Datasheet HTML 1Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 2Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 3Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 4Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 5Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 6Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 7Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 8Page - List of Unclassifed Manufacturers AIC1531 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AIC1531
5
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7
VCC Power Up ( VSBY =5V)
V
SBY
VCC
375mA
VOUT
Fig. 8 VCC Power down ( VSBY =5V)
VSBY
VCC
375mA
VOUT
Fig. 9
V
CC Power Up ( VAUX = 3.3V)
VCC
VOUT
375mA
Fig. 10
VCC Power Down ( V
AUX = 3.3V)
VCC
VOUT
375mA
Fig. 11 V
CC Load Transient Rising
VOUT
I
OUT
5mA
→500mA
Fig. 12
VCC Load Transient Falling
VOUT
I
OUT
500mA
→5mA


유사한 부품 번호 - AIC1531

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
AIC1532CN AIC-AIC1532CN Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
AIC1532CS AIC-AIC1532CS Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
AIC1533CLTB AIC-AIC1533CLTB Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results

유사한 설명 - AIC1531

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6531 SSC-SS6531 Datasheet
933Kb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
SS6532 SSC-SS6532 Datasheet
639Kb / 9P
   500mA Dual Linear Regulator with VAUX Driver
logo
California Micro Device...
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
   Dual 500mA High PSRR Linear Regulator
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
   500mA Linear Regulator
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
   500mA Linear Regulator
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com