전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AB26TRB 데이터시트(PDF) 2 Page - Abracon Corporation

부품명 AB26TRB
상세설명  LOW FREQUENCY REFLOWABLE CYLINDRICAL WATCH CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABRACON [Abracon Corporation]
홈페이지  https://abracon.com
Logo ABRACON - Abracon Corporation

AB26TRB 데이터시트(HTML) 2 Page - Abracon Corporation

  AB26TRB Datasheet HTML 1Page - Abracon Corporation AB26TRB Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
AB26TRB
6.0 x 2.5mm
Pb RoHS
Compliant
LOW FREQUENCYREFLOWABLE
CYLINDRICAL WATCH CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.09.07
Visit www.abracon.com for Terms & Conditions of Sale
Dimensions: mm
Dimensions: mm
OUTLINE DRAWING:
TAPE & REEL: T = Tape and reel 2,000pcs/reel


유사한 부품 번호 - AB26TRB

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB_15 Datasheet
925Kb / 3P
   CYLINDRICAL WATCH CRYSTAL
04.24.13
More results

유사한 설명 - AB26TRB

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AB206 ABRACON-AB206 Datasheet
154Kb / 1P
   LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
AB15T ABRACON-AB15T Datasheet
115Kb / 1P
   LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
05.29.07
AB26TRJ ABRACON-AB26TRJ Datasheet
154Kb / 2P
   LOW FREQUENCYREFLOWABLE CYLINDRICAL WATCH CRYSTAL
08.16.07
AB26TRB ABRACON-AB26TRB_15 Datasheet
925Kb / 3P
   CYLINDRICAL WATCH CRYSTAL
04.24.13
logo
Suntsu Electronics, Inc...
SWT832 SUNTSU-SWT832 Datasheet
196Kb / 1P
   Cylindrical Watch Crystal
SWT622 SUNTSU-SWT622 Datasheet
140Kb / 1P
   Cylindrical Watch Crystal
logo
Abracon Corporation
AB26TRJ ABRACON-AB26TRJ_15 Datasheet
648Kb / 2P
   LOW FREQUENCYREFLOWABLE CYLINDRICAL WATCH CRYSTAL
06.29.10
logo
Golledge Electronics Lt...
GWX-26 GOLLEDGE-GWX-26_16 Datasheet
108Kb / 1P
   2x6 Cylindrical Watch Crystal
GSWX-26 GOLLEDGE-GSWX-26 Datasheet
536Kb / 3P
   SM Cylindrical Watch Crystal
GSWX-26 GOLLEDGE-GSWX-26_16 Datasheet
130Kb / 1P
   SM Cylindrical Watch Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com