전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4691T 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA4691T
상세설명  Sync Processor with Clock SPC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4691T 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA4691T Datasheet HTML 7Page - NXP Semiconductors TDA4691T Datasheet HTML 8Page - NXP Semiconductors TDA4691T Datasheet HTML 9Page - NXP Semiconductors TDA4691T Datasheet HTML 10Page - NXP Semiconductors TDA4691T Datasheet HTML 11Page - NXP Semiconductors TDA4691T Datasheet HTML 12Page - NXP Semiconductors TDA4691T Datasheet HTML 13Page - NXP Semiconductors TDA4691T Datasheet HTML 14Page - NXP Semiconductors TDA4691T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
September 1993
11
Philips Semiconductors
Preliminary specification
Sync Processor with Clock (SPC)
TDA4691
t3
time relation between pin 20 and
blanking
see Fig.9
3.5
4.0
4.5
µs
t4
H-blanking time
see Fig.9
11.8
−µs
t5
start time H-pulse pin 20 to stop time
burstkey pin 6; 50 Hz
H-sync = 4.7
µs;
see Fig.9
8.0
9.0
9.7
µs
t5
start time H-pulse pin 20 to stop time
burstkey pin 6; 60 Hz
see Fig.9
7.5
8.6
9.2
µs
t6
V-blanking pulse; 50 Hz
−−2.5 to
+22.5
lines
t6
V-blanking pulse; 60 Hz
−−3.0 to
+17
lines
Integration (pin 5)
V5
no TV signal
see Fig.16
0
2V
TV signal
see Fig.16
4
−−
V
V5
slow time constant on
5
6.2
V
Signal identification (pin 4; open collector via R4 to V19 or V12)
V4
voltage pin 4, if no signal is identified
I4 = 1 mA
0
0.3
V
I4 = 5 mA
0
0.2
0.8
V
V4
voltage pin 4, if signal is identified
−−
V19
V
I4
leakage current
−−
50
µA
Integration (pin 2; see Fig.15)
V2
no signal at pin 20
1.5
V
V2
noise at input pin 20
3
V
V2
switching T3 to T1 (delay 7 fields)
2.5
V
V2
switching T3 to T1
(noise and signal at input pin 20)
2.5
V
V2
release V-divider
4
V
hysteresis
−−0.2
V
V2
release time constant normal (T2)
signal identification at pin 4
5
V
hysteresis
−−0.2
V
V2
release noise detector
6.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA4691T

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
TDA4600 MOTOROLA-TDA4600 Datasheet
313Kb / 6P
   CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4601-D SIEMENS-TDA4601-D Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
More results

유사한 설명 - TDA4691T

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
   SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com