전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4821P 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA4821P
상세설명  Autosize IC for colour monitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4821P 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA4821P Datasheet HTML 6Page - NXP Semiconductors TDA4821P Datasheet HTML 7Page - NXP Semiconductors TDA4821P Datasheet HTML 8Page - NXP Semiconductors TDA4821P Datasheet HTML 9Page - NXP Semiconductors TDA4821P Datasheet HTML 10Page - NXP Semiconductors TDA4821P Datasheet HTML 11Page - NXP Semiconductors TDA4821P Datasheet HTML 12Page - NXP Semiconductors TDA4821P Datasheet HTML 13Page - NXP Semiconductors TDA4821P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2000 Feb 09
10
Philips Semiconductors
Product specification
Autosize IC for colour monitors
TDA4821P
Table 4
I2C-bus registers and their contents
Table 5
Description of the clock multiplier
SUBADDRESS REGISTER
R/W
MSB
LSB
HEX
NAME
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
00
VsWidth (MSB)
V-sync width
R
b15
b14
b13
b12
b11
b10
b9
b8
01
VsWidth (LSB)
V-sync width
R
0
0000000
02
VfstVid (MSB)
start video after V-sync
R
b15
b14
b13
b12
b11
b10
b9
b8
03
VfstVid (LSB)
start video after V-sync
R
b7
b6
b5
b4
0000
04
VlstVid (MSB)
stop video after V-sync
R
b15
b14
b13
b12
b11
b10
b9
b8
05
VlstVid (LSB)
stop video after V-sync
R
b7
b6
b5
b4
0000
06
Vperiod (MSB)
V-sync cycle time
R
b15
b14
b13
b12
b11
b10
b9
b8
07
Vperiod (LSB)
V-sync cycle time
R
b7
b6
b5
b4
0000
08
HsWidth (MSB)
H-sync width
R
b15
b14
b13
b12
b11
b10
b9
b8
09
HsWidth (LSB)
H-sync width
R
0
0000000
0A
HfstVid (MSB)
start video after H-sync
R
b15
b14
b13
b12
b11
b10
b9
b8
0B
HfstVid (LSB)
start video after H-sync
R
b7
b6
b5
b4
0000
0C
HlstVid (MSB)
stop video after H-sync
R
b15
b14
b13
b12
b11
b10
b9
b8
0D
HlstVid (LSB)
stop video after V-sync
R
b7
b6
b5
b4
0000
0E
Hperiod (MSB)
H-sync cycle time
R
b15
b14
b13
b12
b11
b10
b9
b8
0F
Hperiod (LSB)
H-sync cycle time
R
b7
b6
b5
b4
0000
10
Hfbstrt (MSB)
start flyback after H-sync
R
b15
b14
b13
b12
b11
b10
b9
b8
11
Hfbstrt (LSB)
start flyback after H-sync
R
b7
b6
b5
b4
0000
12
Hfbstop (MSB)
stop flyback after H-sync
R
b15
b14
b13
b12
b11
b10
b9
b8
13
Hfbstop (LSB)
stop flyback after H-sync
R
b7
b6
b5
b4
0000
14
Sync polarities
sync polarities
R
0
00000
Hpol Vpol
20
Mclk
clock multiplier
W
0
0000
b2
b1
b0
REGISTER Mclk
CLOCK MULTIPLICATION FACTOR
b2
b1
b0
001
1
0
1
0
2 (default after power-on)
011
3
100
4
101
5
110
6
111
7
000
8


유사한 부품 번호 - TDA4821P

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
More results

유사한 설명 - TDA4821P

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
logo
Mitsumi Electronics, Co...
MM1203 MITSUMI-MM1203 Datasheet
125Kb / 6P
   RGB Video Amplifier for Monitors Monolithic IC
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com