전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

6-131-003400 데이터시트(Datasheet) 1 Page - List of Unclassifed Manufacturers

부품명 6-131-003400
상세내용  HIGH PERFORMANCE PRESSURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 1 page
background image
-- An Electromotive Solutions Company –
2800 ANVIL STREET NORTH ● ST. PETERSBURG, FL 33710 USA ● PHONE: (727) 347-2181 ● Fax: (727) 347-7520
Process Control Systems
Natural Gas Production
Liquid Level Measurement
Gas Compressors
Chemical Processing Systems
Wastewater Treatment
Chemical Processing Systems
Pulp & Paper Processing
The Model 6-13 is uniquely designed for
use in a broad variety of applications
where accurate, reliable, high performance
pressure measurement is required.
The Model 6-13 utilizes a micro-machined
silicon pressure sensor that is isolated for
all media by a 316L stainless steel
diaphragm and high performance digital
temperature compensation ASIC. This
translates into excellent linearity, increased
long-term stability & reliability.
Micro-machined silicon pressure sensors
provide accuracies down to ±0.20% with
effectively no hysterisis and a
long-term
drift of less that 0.15% FSO for one (1)
year & proof pressures greater than 3X the
rated pressure.
All
Model 6-13 configurations
have
extremely robust EMI/RFI protection. The
Model 6-13 will not shift, drift, or fail in
an EMI/RFI environment of greater than 10
volts/meter up to 1.0GHz.
The Model 6-13 is hermetically sealed by
welding & conforms to NEMA 4 & 4X
enclosure requirements.
(Except for
vented gage configurations.)
WWW.VSENSORS.COM
HIGH PERFORMANCE
PRESSURE SENSOR
MODEL 6-13
Wide Choice of
Pressure Ranges & Fittings
Highly
Corrosion Resistant
Exceptional
Long-term Stability
CONNECTOR
(Ø.75 [19.05])
(1.74 [44.20])
INCHES [mm]
TYPICAL OVERALL DIMENSIONS
FOR ACTUAL DIMENSIONS
SEE OUTLINE DRAWING
.75 [19.05] HEX
ACROSS FLATS
(.25 [6.35])
(1.49 [37.85])




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MPX2300DT1High Volume Pressure Sensor For Disposable Applications 1 2 3 4 Freescale Semiconductor, Inc
MP3H6115AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXAZ6115AMedia Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXC2011DT1High Volume Sensor for Low Pressure Applications 1 2 3 4 Freescale Semiconductor, Inc
MPXH6250AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6300AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6400A_07High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXHZ6250AMedia Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor 1 2 3 4 5 MoreFreescale Semiconductor, Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl