전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4885 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA4885
상세설명  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4885 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA4885 Datasheet HTML 4Page - NXP Semiconductors TDA4885 Datasheet HTML 5Page - NXP Semiconductors TDA4885 Datasheet HTML 6Page - NXP Semiconductors TDA4885 Datasheet HTML 7Page - NXP Semiconductors TDA4885 Datasheet HTML 8Page - NXP Semiconductors TDA4885 Datasheet HTML 9Page - NXP Semiconductors TDA4885 Datasheet HTML 10Page - NXP Semiconductors TDA4885 Datasheet HTML 11Page - NXP Semiconductors TDA4885 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
1997 Nov 25
8
Philips Semiconductors
Product specification
150 MHz video controller with I2C-bus
TDA4885
1. Control bit FPOL = 0
The cathode voltage (DC-coupled) is divided by a
voltage divider and fed back to the IC. During the
output clamping pulse it is compared with an
adjustable feedback reference voltage with a range of
5.8 to 4.0 V. Any difference will lead to a reference
black level correction (control bit PEDST = 0) or
pedestal black level correction (control bit PEDST = 1)
by charging or discharging the integrated capacitor
which stores the black level information between the
output clamping pulses. The DC voltages of the output
stages should be designed in such a way that the
reference black level/pedestal black level is within the
range of 0.5 to 2.5 V. The reference voltages are also
fed to the DAC output pins (REF1, REF2 and REF3).
For correct operation it is necessary that there is
enough room for ultra black signals (negative
brightness setting, pedestal black level if control bit
PEDST = 1). Any clipping with the video supply
voltage can disturb signal rise/fall times or the black
level stabilization.
2. Control bit FPOL = 1
For applications with AC-coupled cathodes positive
feedback can be taken directly or divided by a voltage
divider from the signal outputs or the emitter of an
external emitter follower. During the output clamping
pulse it is compared with a fixed reference voltage of
0.7 V.
For black level restoration the DAC outputs (REF1,
REF2 and REF3) with a range of 5.8 to 4.0 V can be
used.
The use of pedestal blanking allows a very simple
black level restoration with a DC diode clamp instead
of a complicated pulse restoration circuit because the
pedestal black level is the most negative output signal.
7.6
Clamping and blanking pulses
The pin CLI of TDA4885 can be directly connected to
pin CLBL of e.g. TDA4855 sync processor for input
clamping pulses and vertical blanking pulses.
The threshold for the input clamping pulse (typical 3 V) is
higher than the threshold for the vertical blanking pulse
(typical 1.4 V) but there must be no blanking during input
clamping. Thus vertical blanking only is enabled if no input
clamping is detected. For this reason the input clamping
pulse must have rise/fall times faster than 75 ns/V during
the transition from 1.2 to 3.5 V and opposite. The internal
vertical blanking pulse will be delayed by typical 290 ns.
During the vertical blanking pulse at pin CLI signal
blanking, brightness blanking and with control bit
PEDST = 1 pedestal blanking will be activated. Input
clamping pulses during vertical blanking will not switch off
blanking.
For proper input clamping the input signals have to be at
black level during the input clamping pulse.
An input pulse at pin HFB (e.g. horizontal flyback pulse)
will be scanned with two thresholds. If the input pulse
exceeds the first one (typical 1.4 V) signal blanking,
brightness blanking and if control bit PEDST = 1
pedestal blanking will be activated. If the input pulse
exceeds the second one (typical 3 V) additionally output
clamping will be activated. The vertical blanking pulse can
also be mixed with the horizontal flyback pulse at pin HFB.
7.7
On Screen Display (OSD)
If the fast blanking input signal at pin FBL exceeds the
threshold (typical 1.4 V) the input signals are blanked
(signal blanking) and OSD signals are enabled. Then any
signal at pins OSD1, OSD2 or OSD3 exceeding the same
threshold will create an insertion signal with an amplitude
of 125% of the nominal colour signal (approximately 80%
of the maximum colour signal). The amplitude can be
controlled by OSD contrast (driven by I2C-bus) with a
range of 12 dB. The OSD signals are inserted at the same
point as the contrast controlled input signals and will be
treated with brightness and gain control like normal input
signals.
With control bit DISO = 1 OSD, signal insertion and fast
blanking (pin FBL) are disabled.
7.8
Limiting by contrast reduction
Beam current limiting is possible with an external voltage
at pin LIM. The maximum overall voltage gain of contrast
(and OSD contrast) control can be reduced by a voltage
between 4.5 V (start of reduction) and 2.0 V (
−26 dB)
without effecting the contrast bit resolution. By setting the
maximum voltage at pin LIM to less than 4.5 V the
maximum gain is reduced for all channels (subcontrast
setting). The open-circuit pin will have a voltage of
approximately 5.0 V but is very high-ohmic and should be
tied to a voltage source of 5.0 V or higher or should be
connected to a capacitance of some nF if not used.


유사한 부품 번호 - TDA4885

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
More results

유사한 설명 - TDA4885

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com