전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

6-131-001500 데이터시트(Datasheet) 2 Page - List of Unclassifed Manufacturers

부품명 6-131-001500
상세내용  HIGH PERFORMANCE PRESSURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 2 page
background image
Product Specifications
Performance
Output Signal
4 - 20mADC
Accuracy L, R & H
±0.35%FSO (BFSL)
Zero Offset
±1.0%FSO
Long-term Stability
±0.50%FSO/Year
Compensated
Temperature
0°C to 85°C
(32°F to 185°F)
Temperature Effect
Zero: ±2.0% FSO
Operating
Input Power
8 - 30 VDC (@ 25mA Max)
Insulation Resistance 100 megohms @ 50 VDC
Reverse Polarity
Protected
Proof Pressure
150% of Rated Range
Burst Pressure
200% of Rated Range
Weight
72g (2.5oz)
Environmental
Max Operating
Temperature
-40°C to 125°C
(-40°F to 257°F)
EMI/RFI
10volts/meter up to 1.0GHz
Wetted Parts
316L SST
Vibration
15 G’s, 10-2000Hz
Shock
100 G’s for 11ms, Half-sine
Enclosure
NEMA 4 & 4X
Span: ±2.0% FSO
Life
100 MM Full Scale Cycles
Ordering Information
6 - 13 X - XX X X - XX
Instrument Family
6 = Micro-machined Silicon
Sensor Type
13 = Pressure Transmitter
Reference Pressure
0 = Absolute 1 = Vented Gage 2 = Sealed Gage
Pressure Ranges **
# Absolute & Vented Gage
* Sealed Gage Only
** Calibration in bars available, consult factory for details
Pressure Fittings
0 = MS33656-E4 Male
4 = 1/4-18 NPT, Female
1 = 7/16-20 Straight, Male
5 = 9/16-18 Straight, Male
2 = 1/4-18 NPT, Male
Flush Diaphragm
3 = 1/8-27 NPT, Male
Electrical Connections
0 = PT1H-10-6P
3 = 5-Wire Shielded
1 = 3-Wire Cable
4 = DIN43650 Form C
2 = PT1H-8-4P
5 = Hirschmann ELST 412
Custom Configurations
00 = No Custom Requirements
00 = 3 PSI #
08 = 100 PSI #
16 = 2000 PSI *
01 = 5 PSI #
09 = 150 PSI #
17 = 3000 PSI *
02 = 15 PSI #
10 = 200 PSI #
18 = 5000 PSI *
03 = 20 PSI #
11 = 250 PSI #
19 = 6000 PSI *
04 = 25 PSI #
12 = 300 PSI #
20 = 7500PSI *
05 = 30 PSI #
13 = 500 PSI *
21 = 10, 000 PSI *
06 = 50 PSI #
14 = 1000 PSI *
07 = 60 PSI #
15 = 1500 PSI *
MODEL 6-13
HIGH PERFORMANCE PRESSURE TRANSDUCER
WWW.VSENSORS.COM
An Electromotive Solutions Company
ISO 9001:2000 & AS9100:2004 Certified
2800 ANVIL STREET NORTH
ST. PETERSBURG, FL 33710 USA
PHONE: (727) 347-2181
Fax: (727) 347-7520
Email: sales@vsensors.com




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MPX2300DT1High Volume Pressure Sensor For Disposable Applications 1 2 3 4 Freescale Semiconductor, Inc
MP3H6115AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXAZ6115AMedia Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXC2011DT1High Volume Sensor for Low Pressure Applications 1 2 3 4 Freescale Semiconductor, Inc
MPXH6250AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6300AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6400A_07High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXHZ6250AMedia Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor 1 2 3 4 5 MoreFreescale Semiconductor, Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl