전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5187US 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N5187US
상세설명  VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5187US 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N5187US Datasheet HTML 1Page - Microsemi Corporation 1N5187US Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOIDLESS-HERMETICALLY SEALED
SURFACE MOUNT FAST RECOVERY
GLASS RECTIFIERS
SCOTTSD A L E DIVISION
1N5186US thru 1N5190US
DESCRIPTION
APPEARANCE
This “fast recovery” rectifier diode series is ideal for high-reliability applications
where a failure cannot be tolerated. These industry-recognized 3.0 Amp rated
rectifiers for working peak reverse voltages from 100 to 600 volts are hermetically
sealed with voidless-glass construction using an internal “Category I” metallurgical
bond. These devices are also available in military qualified axial-leaded packages
by deleting the “US” suffix. Microsemi also offers numerous other rectifier products
to meet higher and lower current ratings with various recovery time speed
requirements including fast and ultrafast device types in both through-hole and
surface mount packages.
Package “E”
or D-5B
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Surface mount equivalent to the popular JEDEC
registered 1N5186 to 1N5190 series
Voidless hermetically sealed glass package
Triple-Layer Passivation
Internal “Category I” Metallurgical bonds
Working Peak Reverse Voltage 100 to 600 Volts.
Further options in screening in accordance with MIL-
PRF-19500/424 for JAN, JANTX, and JANTXV by adding
a MQ, MX, or MV prefix respectively, e.g. MX1N5186US,
MV1N5187US, etc.
Axial-leaded package equivalents also available (see
separate data sheet for 1N5186 thru 1N5190)
Fast recovery 3 Amp rectifiers 100 to 600 V
Military and other high-reliability applications
General rectifier applications including bridges,
half-bridges, catch diodes, etc.
High forward surge current capability
Extremely robust construction
Low thermal resistance
Controlled avalanche with peak reverse power
capability
Inherently radiation hard as described in
Microsemi MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Junction & Storage Temperature: -65oC to +175oC
• Thermal Resistance: 10oC/W junction to end cap
• Thermal Impedance: 1.5oC/W @ 10 ms heating time
• Average Rectified Forward Current (IO): 3.0 Amps @ TA =
25ºC and 0.700 Amps at TA = 150ºC
• Forward Surge Current: 80 Amps @ 8.3 ms half-sine
• Solder Temperatures: 260ºC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
TERMINATIONS: End caps are solid silver with
Tin/Lead (Sn/Pb) finish
MARKING: Cathode band only
POLARITY: Cathode indicated by band
TAPE & REEL option: Standard per EIA-481-B
WEIGHT: 539 mg
See package dimensions on last page
ELECTRICAL
CHARACTERISTICS
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 50µA
FORWARD
VOLTAGE
VF
@ 9A (pulsed)
MAXIMUM
REVERSE
CURRENT
IR @ VRWM
MAXIMUM
REVERSE
RECOVERY
TIME
trr
AVERAGE
RECTIFIED
CURRENT AMPS
IO
25
oC
100
oC
25
oC
150
oC
TYPE
VOLTS
VOLTS
MIN
VOLTS
MAX
VOLTS
µA
µA
ns
AMPS
AMPS
1N5186US
1N5187US
1N5188US
1N5189US
1N5190US
100V
200V
400V
500V
600V
120V
240V
480V
550V
660V
0.9V
1.5V
2.0
100
150
200
250
300
400
3.0
3.0
3.0
3.0
3.0
0.7
0.7
0.7
0.7
0.7
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2004
12-10-2004 REV A


유사한 부품 번호 - 1N5187US

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N5187 MICROSEMI-1N5187 Datasheet
75Kb / 2P
   RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY
logo
Sensitron
1N5187 SENSITRON-1N5187 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
1N5187 MICROSEMI-1N5187 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
logo
Digitron Semiconductors
1N5187 DIGITRON-1N5187 Datasheet
572Kb / 3P
   FAST RECOVERY RECTIFIERS
More results

유사한 설명 - 1N5187US

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US_09 Datasheet
262Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US Datasheet
363Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5615 MICROSEMI-1N5615_07 Datasheet
181Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5418JAN MICROSEMI-1N5418JAN Datasheet
270Kb / 5P
   VOIDLESS HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com