전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5330T 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA5330T
상세설명  VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5330T 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA5330T Datasheet HTML 3Page - NXP Semiconductors TDA5330T Datasheet HTML 4Page - NXP Semiconductors TDA5330T Datasheet HTML 5Page - NXP Semiconductors TDA5330T Datasheet HTML 6Page - NXP Semiconductors TDA5330T Datasheet HTML 7Page - NXP Semiconductors TDA5330T Datasheet HTML 8Page - NXP Semiconductors TDA5330T Datasheet HTML 9Page - NXP Semiconductors TDA5330T Datasheet HTML 10Page - NXP Semiconductors TDA5330T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
January 1988
7
Philips Semiconductors
Product specification
VHF, UHF and Hyperband mixer/oscillator
for TV and VCR 3-band tuners
TDA5330T
Band C mixer
(including IF)
measured
using circuit shown in
Fig.9;
measurements
using hybrid;
note 2
Frequency range
fC
430
860
MHz
Noise figure
pins 20 and 21;
430 MHz
NF
911
dB
860 MHz
NF
911
dB
Input admittance
see Fig.6
Available input power
1% cross-modulation
in channel;
pins 20 and 21;
430 MHz
PAI
−25
−21
dBm
860 MHz
PAI
−25
−21
dBm
10 kHz pulling
pins 20 and 21;
in channel;
860 MHz
−−20
dBm
N
+5 − 1 MHz pulling
note 3;
820 MHz
−42
−35
dBm
Voltage gain
note 4;
430 MHz
Gv
33
36
39
dB
860 MHz
Gv
33
36
39
dB
Band C oscillator
Frequency range
fC
470
900
MHz
Frequency shift
∆V
b = 10%
∆f
−−
400
kHz
Frequency drift
∆T=25 °C
∆f
−−
800
kHz
Frequency drift
5 s to 15 min after
switching on
∆f
−−
200
kHz
mod.
phase
IF Amplifier
note 5; differentially
measured at 36 MHz;
see Fig.7
Input reflection
coefficient
S11
−−0,5
−2.0 −
dB/deg
Reverse transmission
coefficient
S12
−−41
−7
dB/deg
Forward transmission
coefficient
S21
12
160
dB/deg
Output reflection
coefficient
see Fig.8
S22
−−910
dB/deg
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA5330T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results

유사한 설명 - TDA5330T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com