전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5330T 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA5330T
상세설명  VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5330T 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA5330T Datasheet HTML 1Page - NXP Semiconductors TDA5330T Datasheet HTML 2Page - NXP Semiconductors TDA5330T Datasheet HTML 3Page - NXP Semiconductors TDA5330T Datasheet HTML 4Page - NXP Semiconductors TDA5330T Datasheet HTML 5Page - NXP Semiconductors TDA5330T Datasheet HTML 6Page - NXP Semiconductors TDA5330T Datasheet HTML 7Page - NXP Semiconductors TDA5330T Datasheet HTML 8Page - NXP Semiconductors TDA5330T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
January 1988
2
Philips Semiconductors
Product specification
VHF, UHF and Hyperband mixer/oscillator for
TV and VCR 3-band tuners
TDA5330T
GENERAL DESCRIPTION
The TDA5330T is a monolithic integrated circuit that performs the band A, band B and band C mixer/oscillator functions
in TV and VCR tuners. This device gives the designer the capability to design an economical and physically small 3-band
tuner which will be capable of meeting the most stringent requirements e.g. FTZ or FCC. The tuner development time
can be drastically reduced by using this device.
Features
• Balanced mixer with a common emitter input for band A
• Amplitude-controlled oscillator for band A
• Balanced mixer with common base input for band B and C
• Balanced oscillator for band B and C
• Local oscillator buffer output for external prescaler
• SAW filter preamplifier with an output impedance of 100 Ω
• Bandgap voltage stabilizer for oscillator stability
• Electronic bandswitch
QUICK REFERENCE DATA
PACKAGE OUTLINE
28-lead mini-pack , plastic (SO20; SOT163A); SOT 163-1; 1996 November 28.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
V19−2, 26
12
V
Band A frequency range
fA
48
180
MHz
Band B frequency range
fB
160
470
MHz
Band C frequency range
fC
430
860
MHz
Conversion noise
F
7
11
dB
Band A input voltage
1% cross-modulation
V24−26
100
dB
µV
Band B and C input power
1% cross-modulation
PI
−−21
dBm
Band A voltage gain
Gv
24
dB
Band B voltage gain
Gv
37
dB
Band C voltage gain
Gv
36
dB


유사한 부품 번호 - TDA5330T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results

유사한 설명 - TDA5330T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com