전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431CDM 데이터시트(PDF) 5 Page - Microsemi Corporation

부품명 TL431CDM
상세설명  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431CDM 데이터시트(HTML) 5 Page - Microsemi Corporation

  TL431CDM Datasheet HTML 1Page - Microsemi Corporation TL431CDM Datasheet HTML 2Page - Microsemi Corporation TL431CDM Datasheet HTML 3Page - Microsemi Corporation TL431CDM Datasheet HTML 4Page - Microsemi Corporation TL431CDM Datasheet HTML 5Page - Microsemi Corporation TL431CDM Datasheet HTML 6Page - Microsemi Corporation TL431CDM Datasheet HTML 7Page - Microsemi Corporation TL431CDM Datasheet HTML 8Page - Microsemi Corporation TL431CDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
CHARACT ER ISTIC CURVES
2.44
2.4
(T
A )
Ambient Temperature - (°C)
-50
-25
0
25
50
75
100
125
V
REF= V KA
I
K = 10mA
2.42
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
V
REF= 2550mV
V
REF= 2495mV
V
REF= 2440mV
TL431B
TL431/A
TL431/A
TL431/A
Figure 1 –
Reference Voltage vs. Free-Air Temperature
1
0
(T
A )
Ambient Temperature - (°C)
5
2
-50
-25
0
25
50
75
100
125
3
I
K = 10mA
R1 =
I
K = 10mA
4
TL431/A
TL431B
Figure 2 –
Reference Current vs. Free-Air Temperature
0
-100
(V
KA )
Cathode Voltage - (V)
150
-2
-1
0
1
23
50
V
KA = V REF
T
A = 25 °C
100
-75
-50
-25
25
75
125
TL431/A
TL431B
Figure 3 –
Cathode Current vs. Cathode Voltage
0
-200
(V
KA )
Cathode Voltage - (V)
800
200
-1
0
1
23
400
I
MIN
600
V
KA = VREF
T
A = 25 °C
Figure 4 –
Cathode Current vs. Cathode Voltage


유사한 부품 번호 - TL431CDM

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
TL431CDM MOTOROLA-TL431CDM Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431CDM ONSEMI-TL431CDM Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431CDM MICROSEMI-TL431CDM Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431CDMR2 ONSEMI-TL431CDMR2 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431CDMR2 ONSEMI-TL431CDMR2 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

유사한 설명 - TL431CDM

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com