전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5630T 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA5630T
상세설명  9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630T 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA5630T Datasheet HTML 1Page - NXP Semiconductors TDA5630T Datasheet HTML 2Page - NXP Semiconductors TDA5630T Datasheet HTML 3Page - NXP Semiconductors TDA5630T Datasheet HTML 4Page - NXP Semiconductors TDA5630T Datasheet HTML 5Page - NXP Semiconductors TDA5630T Datasheet HTML 6Page - NXP Semiconductors TDA5630T Datasheet HTML 7Page - NXP Semiconductors TDA5630T Datasheet HTML 8Page - NXP Semiconductors TDA5630T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 Mar 21
5
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF
mixer/oscillator for TV and VCR 3-band tuners
TDA5630;
TDA5631
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Human body model: the IC withstands 2000 V in accordance with the MIL-STD-883C category B (stress reference
pins 3, 7 and 13 shorted together for the TDA5630; pins 18, 14 and 8 for the TDA5631).
Machine model: the IC withstands 200 V in accordance with the MIL-STD-883C (stress reference pins 3, 7 and 13
shorted together for the TDA5630; pins 18, 14 and 8 for the TDA5631).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+10.5
V
VSW
switching voltage
0
10.5
V
IO
output current of each pin referenced to ground
−−10
mA
tsc
maximum short-circuit time (all pins)
10
s
Tstg
IC storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−10
+80
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SOT163-1
100
K/W
SOT266-1
120
K/W


유사한 부품 번호 - TDA5630T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
More results

유사한 설명 - TDA5630T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com