์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ASTX-12 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Abracon Corporation

๋ถ€ํ’ˆ๋ช… ASTX-12
์ƒ์„ธ๋‚ด์šฉ  TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ABRACON [Abracon Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.abracon.com/index.htm
Logo 

ASTX-12 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
| | | | | | | | | | | | | | |
ASTX-12, ASVTX-12
2.5 X 2.0 X 1.0mm
*Preliminary
Pb RoHS
Compliant
Revised: 03.01.07
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Note: Using an approximately 0.01uF bypass
capacitor between PIN 2 & 4 is recommended.
Dimension : mm
Dimension : Inches (mm)
PIN NO.
ASTX-12
1
2
3
4
GND
GND
Output
Vdd
PIN NO.
ASVTX-12
1
2
3
4
GND
VC
Output
Vdd
OUTLINE DRAWING:
TAPE & REEL:
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED
CRYSTAL OSCILLATOR


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
VTC21Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
ASFLV3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 Abracon Corporation
ASTX-01HA3.3 V TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR 1 2 Abracon Corporation
ASTX-11TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR 1 2 Abracon Corporation
XQ1003-BD6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
CLV0787E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1100E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV6115A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CRO2023A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn