전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ASTX-H08 데이터시트(HTML) 1 Page - Abracon Corporation

부품명 ASTX-H08
상세내용  SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABRACON [Abracon Corporation]
홈페이지  http://www.abracon.com/index.htm
Logo 

ASTX-H08 데이터시트(HTML) 1 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
ASTX-H08
|||||||||||||||
SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
STANDARD SPECIFICATIONS:
APPLICATIONS:
• Cellular and cordless phones
• Standard OSC for exact equipment
• Mobile communication equipment
• Portable radio equipment and music player
FEATURES:
• Compact and low in height
• IR reflow possible
• Suitable for high-density SMT
• Low phase noise
7.0 X 5.0 X 2.5mm
Pb RoHS
Compliant
PARAMETERS
Frequency Range
Standard Frequencies
2.50MHz to 170.000MHz
Storage Temperature
- 50° C to + 100° C
Operating Temperature
- 30° C to + 75° C (See Table 1 for options)
Freq. Stability vs. Temperature
±2.5ppm standard (See Table 1 for options)
Freq. Tolerance @ 25° C
±3ppm
vs. Supply Voltage
vs. Aging @ 25° C
±0.5ppm max. / Vdd ± 5%
±1ppm/1st year
±0.3ppm (± 5% change)
vs. Supply Voltage
vs. Reflow
Supply Voltage
Start-Up Time
Output Voltage level (Vdd)
Start-up Time
Rise and Fall Time
Duty cycle (symmetry)
Current consumption
Start-up time
Output load
Output format
±1ppm max: 1 reflow and measured 24 hours afterwards
vs. Load
±0.3ppm (± 10% change)
ABRACON P/N
ASTX-H08 Series
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISED: 6.21.07
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
2msec typical
Logic "1" 2.4V min.; Logic "0" 0.4V max
3.3 V (See options)
10ms max.
50% ± 10% @ 50Vdd (see option)
10.0, 12.8, 13.0, 14.4, 16.0, 16.384, 19.2, 19.440, 19.680, 20.0, 38.880,
77.760, 155.520MHz
10nsec. typ. 20% « 80% waveform
30mA max. Frequency dependent
10msec max.
15pF
AC block, DC coupled
Output wave form
Square wave
Phase Noise
-72 dBc/Hz @ 10Hz, -110 dBc/Hz @ 100Hz, -125 dBc/Hz @ 1KHz,
-132 dBc/Hz @ 10KHz, -125 dBc/Hz @ 100KHz
Blank
3.3V
Blank
Bulk
A2.8V
T
Tape and Reel
B3.0V
C5V
±0.5ppm
±1.0ppm
±1.5ppm
±2.0ppm ±2.5ppm
D5
D10
D15
D20
D25
*E5
E10
E15
E20
E25
F10
F15
F20
F25
G10
G15
G20
G25
H10
H15
H20
H25
Temperature and Frequency Stability
0°C to +50°C
-10°C to +60°C
-20°C to +70°C
-40°C to +85°C
ASTX - H08 - Frequency -
-
-
Frequency
-30°C to +75°C
Standard
g
n
i
g
a
k
c
a
P
e
g
a
t
l
o
V
y
l
p
p
u
S
XX.XXXXMHz


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn