전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ASTX-H08K 데이터시트(HTML) 2 Page - Abracon Corporation

부품명 ASTX-H08K
상세내용  32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABRACON [Abracon Corporation]
홈페이지  http://www.abracon.com/index.htm
Logo 

ASTX-H08K 데이터시트(HTML) 2 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Dimensions: inch (mm)
±1ppm
±1.5ppm
±2.0ppm
±2.5ppm
D10
D15
D20
D25
E10
E15
E20
E25
F10
F15
F20
F25
G15
G20
G25
-10°C to 60°C
-20°C to +70°C
-30°C to 75°C
-40°C to 85°C
< Standard
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
ASTX-H08K
32.768KHz TEMPERATURE
32.768KHz TEMPERATURE
COMPENSATED CRYSTAL OSCILLATOR
COMPENSATED CRYSTAL OSCILLATOR
32.768KHz TEMPERATURE
COMPENSATED CRYSTAL OSCILLATOR
OPTIONS & PART IDENTIFICATION:
OUTLINE DRAWING:
TABLE 1:
ASTX-H08K - 32.768KHz - Voltage - Temperature & Freq Stability - Symmetry - Packaging
Packaging option:
T for Tape and Reel
Symmetry option:
S for 45/55% @1/2Vdd
Voltage option:
Blank for 3.0V
A for 2.8V
B for 3.3V
C for 5V
Temp & Stability option:
See Table 1
*RoHS COMPLIANT
7.0 x 5.0 x 2.5mm
PIN NO. CONNECTIONS
1
2
3
4
NC
Ground
Output
VCC
MARKING:
- TUH
AH08K ZYX
Note 1:
TUH : Frequency
T= First " ten " digit of frequency
U = First " unit " of frequency
H = First " tenth " of frequency
Example: 100 for 10.0 MHz
143 for 14.31818 MHz
ZY : Date Code
Z = Month (A to L)
Y = Year (6 for 2006)
X = Traceability


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn