전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ASVTX-09 데이터시트(HTML) 1 Page - Abracon Corporation

부품명 ASVTX-09
상세내용  VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABRACON [Abracon Corporation]
홈페이지  http://www.abracon.com/index.htm
Logo 

ASVTX-09 데이터시트(HTML) 1 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
ASVTX-09
|||||||||||||||
COMPENSATED CRYSTAL OSCILLATOR
STANDARD SPECIFICATIONS:
APPLICATIONS:
• Cellular and cordless phones.
• Standard OSC for exact equipment.
• Mobile communication equipment.
• Portable radio equipment and music player.
FEATURES:
• Compact and low in height.
• Low current consumption.
• Suitable for high-density SMT.
• Vc function corresponds to PLL circuits.
• IR reflow possible.
5.0 X 3.2 X 1.5mm
Pb RoHS
Compliant
PARAMETERS
Frequency
10.000MHz to 44.545MHz
Standard Frequencies
12.8MHz, 13.0MHz, 14.4MHz, 15.36MHz, 16.000MHz, 16.384MHz,
16.8MHz, 19.2MHz, 19.440MHz, 19.680MHz, 19.8MHz, 26.0MHz
Storage Temperature
- 40° C to + 85° C
Freq. Stability vs. +25°C
± 0.5ppm standard ( See option)
Operating Temperature
- 30° C to + 75° C (See Table 1 for options)
Freq. Stability vs. Aging
± 1ppm/1st year
Freq. Stability vs. Operating Temp.
±2.5ppm standard (See Table1 for options)
Freq. Stability vs. Supply Voltage
Freq. Stability vs. Load
±0.2ppm (± 5% change)
±0.2ppm (± 10% change)
Voltage Control Range (Vcc)
1.5V ±1.0V standard (See options)
3.0V Standard (See options)
Supply Voltage (Vdd)
Output Type
Output Voltage
Output Load
Pullability
Transfer Function
Phase Noise
Clipped Sine
Supply Current
2mA max
ABRACON P/N
ASVTX-09
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISED: 5.03.07
VOLTAGE CONTROLLED TEMPERATURE
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Supply
Voltage (Vdd)
Control
Voltage (Vcc)
A
2.5V
1.25V±1.0V
Blank*
±0.5ppm
Blank
Bulk
Blank
3.0V
1.5V±1.0
J
±1.5ppm
B
3.3V
1.65V± 1.5V * Standard
)
l
e
e
r
/
s
c
p
0
0
0
,
2
r
o
0
0
0
,
1
(
V
0
.
2
±
V
5
.
2
V
0
.
5
C
*3.0V : Standard
Table 1: Frequency Stability vs Operating Temp.
±1ppm
±1.5ppm
±2ppm
±2.5ppm
±3ppm
±4ppm
±5ppm
0°C-50°C
D10
D15
D20
D25
D30
D40
D50
-10°C to 60°C
E10
E15
E20
E25
E30
E40
E50
0°C to 70°C
F15
F20
F25
F30
F40
F50
-20°C to +75°C
G20
G25
G30
G40
G50
-30°C to 85°C
STD
H30
H40
H50
-40°C to 85°C
I30
I40
I50
ASVTX - 09 -
- Frequency -
-
-
Packaging
T
Frequency Stability
vs +25˚C
Tape and Reel
0.8Vp-p min
10 kohm // 10 pF
± 8ppm min
Positive
-110dBc/Hz @ 100KHz offset; -130dBc/Hz @ 1KHz offset


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn