์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ASVTX-09 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Abracon Corporation

๋ถ€ํ’ˆ๋ช… ASVTX-09
์ƒ์„ธ๋‚ด์šฉ  VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ABRACON [Abracon Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.abracon.com/index.htm
Logo 

ASVTX-09 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
ASVTX-09
|||||||||||||||
COMPENSATED CRYSTAL OSCILLATOR
5.0 X 3.2 X 1.5mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISED: 5.03.07
VOLTAGE CONTROLLED TEMPERATURE
OUTLINE DRAWING:
TAPE & REEL:
PIN
FUNCTION
1
2
3
4
GND
Vcc
Output
Vdd
Note: It is recommended
to use an approximately
0.01uF bypass capacitor
between PIN 2 and 4.
Dimensions: Inches (mm)
Dimensions: mm


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn