전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5630M 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA5630M
상세설명  9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630M 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA5630M Datasheet HTML 1Page - NXP Semiconductors TDA5630M Datasheet HTML 2Page - NXP Semiconductors TDA5630M Datasheet HTML 3Page - NXP Semiconductors TDA5630M Datasheet HTML 4Page - NXP Semiconductors TDA5630M Datasheet HTML 5Page - NXP Semiconductors TDA5630M Datasheet HTML 6Page - NXP Semiconductors TDA5630M Datasheet HTML 7Page - NXP Semiconductors TDA5630M Datasheet HTML 8Page - NXP Semiconductors TDA5630M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1996 Mar 21
2
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF
mixer/oscillator for TV and VCR 3-band tuners
TDA5630;
TDA5631
FEATURES
• Balanced mixer with a common emitter input for band A
(single input)
• 2-pin oscillator for bands A and B
• Balanced mixer with a common base input for
bands B and C (balanced input)
• 3-pin oscillator for band C
• Local oscillator buffer output for external synthesizer
• SAW filter preamplifier with a low output impedance to
drive the SAW filter directly
• Band gap voltage stabilizer for oscillator stability
• Electronic band switch.
APPLICATIONS
• 3-band all channel TV and VCR tuners
• Any standard.
GENERAL DESCRIPTION
The TDA5630 and TDA5631 are monolithic integrated
circuits that perform the mixer/oscillator functions for
bands A, B and C in TV and VCR tuners. These low-power
mixer/oscillators require a power supply of 9 V and are
available in a very small package.
The devices give the designer the capability to design an
economical and physically small 3-band tuner.
They are suitable for European standards, as illustrated in
Fig.12, with the following RF bands: 48.25 to 168.25 MHz,
175.25 to 447.25 MHz and 455.25 to 855.25 MHz. With
an appropriate tuned circuit, they are also suitable for
NTSC all channel tuners (USA and Japan).
The tuner development time can be drastically reduced by
using these devices.
QUICK REFERENCE DATA
Note
1. The limits are related to the tank circuits used in Fig.12 and the intermediate frequency. Frequency bands may be
adjusted by the choice of external components.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
9.0
V
IP
supply current
35
mA
fRF
frequency range
RF input; band A; note 1
45
180
MHz
RF input; band B; note 1
160
470
MHz
RF input; band C; note 1
430
860
MHz
Gv
voltage gain
band A
25
dB
band B
36
dB
band C
36
dB
NF
noise figure
band A
7.5
dB
band B
8
dB
band C
9
dB
Vo
output voltage to get 1% cross
modulation in channel
band A
118
dB
µV
band B
118
dB
µV
band C
118
dB
µV


유사한 부품 번호 - TDA5630M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
More results

유사한 설명 - TDA5630M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com