전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6106 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA6106
상세설명  Video output amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6106 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA6106 Datasheet HTML 1Page - NXP Semiconductors TDA6106 Datasheet HTML 2Page - NXP Semiconductors TDA6106 Datasheet HTML 3Page - NXP Semiconductors TDA6106 Datasheet HTML 4Page - NXP Semiconductors TDA6106 Datasheet HTML 5Page - NXP Semiconductors TDA6106 Datasheet HTML 6Page - NXP Semiconductors TDA6106 Datasheet HTML 7Page - NXP Semiconductors TDA6106 Datasheet HTML 8Page - NXP Semiconductors TDA6106 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Mar 03
4
Philips Semiconductors
Product specification
Video output amplifier
TDA6106Q
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices” ).
QUALITY SPECIFICATION
Quality specification
“SNW-FQ-611 part E” is applicable, except for ESD Human body model see Chapter “Limiting
values”, and can be found in the
“Quality reference handbook” (ordering number 9397 750 00192).
THERMAL CHARACTERISTICS
Note
1. External heatsink not required.
CHARACTERISTICS
Operating range: Tamb = −20 to +65 °C; VDD = 180 to 210 V (see note 1), Vom = 1.4 to 6 V.
Test conditions: Tamb =25 °C; VDD = 200 V; Vom =4V; CL = 10 pF (CL consists of parasitic and cathode capacitance);
measured in test circuit of Fig.5; unless otherwise specified.
SYMBOL
PARAMETER(1)
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
56
K/W
Rth j-c
thermal resistance from junction to case
12
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IDD
quiescent voltage supply current
VocDC = 100 V
2.8
3.0
3.3
mA
Ibias
input bias current (pin 3)
VocDC = 100 V
0
20
µA
Vint
internal reference voltage input stage VocDC = 100 V
2.5
V
Iom(os)
offset current of black current
measurement output
Ioc =0 µA;
Vin = 1.5 to +3.5 V;
Vom = 1.4 to 6 V
−10
0
+10
µA
∆VTint
temperature drift of internal
reference voltage input stage
VocDC = 100 V
0.5
mV/K
linearity of current transfer
Ioc = −10 µA to 3 mA;
Vin = 1.5 to +3.5 V;
Vom = 1.4 to 6 V
0.9
1.0
1.1
Iof(max)
maximum peak output current (pin 9)
Voc = 20 V to VDD −30 V
25
mA
Voc(min)
minimum output voltage (pin 8)
Vin = 3.5 V
712
V
Voc(max)
maximum output voltage (pin 8)
Vin = 1.5 V
VDD − 14
VDD − 10
V
GB
gain bandwidth product of open-loop
gain Vos/Vi, dm
f = 500 kHz;
VocDC = 100 V
0.52
GHz
BWS
small signal bandwidth
VocAC = 60 V (p-p);
VocDC = 100 V
56
MHz
BWL
large signal bandwidth
VocAC = 100 V (p-p);
VocDC = 100 V
4.7
5.7
MHz
∆I
om
∆I
oc
------------


유사한 부품 번호 - TDA6106

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
More results

유사한 설명 - TDA6106

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6111Q PHILIPS-TDA6111Q Datasheet
78Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
   Video output amplifier
1997 Aug 27
logo
STMicroelectronics
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
   RGB VIDEO OUTPUT AMPLIFIER
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com