전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXXXEZ290-SXX00 데이터시트(PDF) 5 Page - Cree, Inc

부품명 CXXXEZ290-SXX00
상세설명  Cree짰 EZBright290??LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXEZ290-SXX00 데이터시트(HTML) 5 Page - Cree, Inc

  CXXXEZ290-SXX00 Datasheet HTML 1Page - Cree, Inc CXXXEZ290-SXX00 Datasheet HTML 2Page - Cree, Inc CXXXEZ290-SXX00 Datasheet HTML 3Page - Cree, Inc CXXXEZ290-SXX00 Datasheet HTML 4Page - Cree, Inc CXXXEZ290-SXX00 Datasheet HTML 5Page - Cree, Inc CXXXEZ290-SXX00 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree and the Cree logo are registered trademarks, and EZBright and EZ, EZ-7, EZ-10, EZ-18, EZ-21, EZ-24 and EZBright290 are
trademarks of Cree, Inc.
5
CPR3CQ
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
EZ-8
C527EZ290-S0800
C527EZ290-0113
C527EZ290-0114
C527EZ290-0115
C527EZ290-0110
C527EZ290-0111
C527EZ290-0112
C527EZ290-0107
C527EZ290-0108
C527EZ290-0109
C527EZ290-0104
C527EZ290-0105
C527EZ290-0106
EZ-0.0
C505EZ290-S000
C505EZ290-0105
C505EZ290-0106
C505EZ290-0103
C505EZ290-0104
Characteristic Curves
These are representative measurements for the EZBright LED product. Actual curves will vary slightly for the various
radiant flux and dominant wavelength bins.
Relative Intensity vs Peak Wavelength
Wavelength (nm)
400
500
600
20
40
60
80
100
Forward Current vs Forward Voltage
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vf (V)
Relative Intensity vs Forward Current
0%
40%
80%
120%
160%
200%
240%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
If @ 20mA
Wavelength Shift vs Forward Current
-8
-6
-4
-2
0
2
4
6
8
10
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
If @ 20mA
Forward Current vs Forward Voltage
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vf (V)
Relative Intensity vs Forward Current
0%
40%
80%
120%
160%
200%
240%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
If @ 20mA
Wavelength Shift vs Forward Current
-8
-6
-4
-2
0
2
4
6
8
10
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
If @ 20mA
Forward Current vs Forward Voltage
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vf (V)
Relative Intensity vs Forward Current
0%
40%
80%
120%
160%
200%
240%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
If @ 20mA
Wavelength Shift vs Forward Current
-8
-6
-4
-2
0
2
4
6
8
10
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
If @ 20mA
Relative Intensity vs Peak Wavelength


유사한 부품 번호 - CXXXEZ290-SXX00

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXXXEZ290-SXX00-2 CREE-CXXXEZ290-SXX00-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
More results

유사한 설명 - CXXXEZ290-SXX00

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXXXEZ1000-SXX000 CREE-CXXXEZ1000-SXX000 Datasheet
305Kb / 6P
   Cree짰 EZ1000??LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
   Cree짰 J Series??5630 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XM-L2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com