전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXXXEZ1000-SXX000 데이터시트(PDF) 4 Page - Cree, Inc

부품명 CXXXEZ1000-SXX000
상세설명  Cree짰 EZ1000??LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXEZ1000-SXX000 데이터시트(HTML) 4 Page - Cree, Inc

  CXXXEZ1000-SXX000 Datasheet HTML 1Page - Cree, Inc CXXXEZ1000-SXX000 Datasheet HTML 2Page - Cree, Inc CXXXEZ1000-SXX000 Datasheet HTML 3Page - Cree, Inc CXXXEZ1000-SXX000 Datasheet HTML 4Page - Cree, Inc CXXXEZ1000-SXX000 Datasheet HTML 5Page - Cree, Inc CXXXEZ1000-SXX000 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and EZBright. EZ1000 and EZ are trademarks of Cree, Inc.
4
CPR3CR Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com
C450EZ000-S30000
C450EZ1000-0121
C450EZ1000-0122
C450EZ1000-0123
C450EZ1000-0124
C450EZ1000-0117
C450EZ1000-0118
C450EZ1000-0119
C450EZ1000-0120
380 mW
340 mW
300 mW
Dominant Wavelength
447.5 nm
450 nm
452.5 nm
445 nm
455 nm
EZ-300
C460EZ000-S30000
C460EZ1000-0121
C460EZ1000-0122
C460EZ1000-0123
C460EZ1000-0124
C460EZ1000-0117
C460EZ1000-0118
C460EZ1000-0119
C460EZ1000-0120
380 mW
340 mW
300 mW
Dominant Wavelength
457.5 nm
460 nm
462.5 nm
455 nm
465 nm
C470EZ000-S30000
C470EZ1000-0121
C470EZ1000-0122
C470EZ1000-0123
C470EZ1000-0124
C470EZ1000-0117
C470EZ1000-0118
C470EZ1000-0119
C470EZ1000-0120
380 mW
340 mW
300 mW
Dominant Wavelength
467.5 nm
470 nm
472.5 nm
465 nm
475 nm
Green EZ000
EZ-80
C57EZ000-S08000
C527EZ1000-0111
C527EZ1000-0112
C527EZ1000-0113
C527EZ1000-0108
C527EZ1000-0109
C527EZ1000-0110
C527EZ1000-0105
C527EZ1000-0106
C527EZ1000-0107
520 nm
525 nm
530 nm
535 nm
130 mW
115 mW
100 mW
80 mW
Dominant Wavelength
Standard Bins for CxxxEZ000-Sxx000 (continued)
EZ-30
C57EZ000-S3000
C527EZ1000-0114
C527EZ1000-0115
C527EZ1000-0116
520 nm
525 nm
530 nm
535 nm
150 mW
130 mW
Dominant Wavelength


유사한 부품 번호 - CXXXEZ1000-SXX000

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXXXEZ1000-SXX000-2 CREE-CXXXEZ1000-SXX000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
More results

유사한 설명 - CXXXEZ1000-SXX000

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
logo
Cree, Inc
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
CXXXEZ290-SXX00 CREE-CXXXEZ290-SXX00 Datasheet
437Kb / 6P
   Cree짰 EZBright290??LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
   Cree짰 J Series??5630 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XM-L2 LEDs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com