전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6404TS 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA6404TS
상세설명  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6404TS 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA6404TS Datasheet HTML 6Page - NXP Semiconductors TDA6404TS Datasheet HTML 7Page - NXP Semiconductors TDA6404TS Datasheet HTML 8Page - NXP Semiconductors TDA6404TS Datasheet HTML 9Page - NXP Semiconductors TDA6404TS Datasheet HTML 10Page - NXP Semiconductors TDA6404TS Datasheet HTML 11Page - NXP Semiconductors TDA6404TS Datasheet HTML 12Page - NXP Semiconductors TDA6404TS Datasheet HTML 13Page - NXP Semiconductors TDA6404TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1999 Jan 13
10
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Table 10 Default bits at Power-on reset
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134) (note 1).
Note
1. Maximum ratings can not be exceeded, not even momentarily without causing irreversible IC damage.
Maximum ratings can not be accumulated.
THERMAL CHARACTERISTICS
NAME
BYTE
BITS
MSB
LSB
Address byte
ADB
11000
MA1
MA0
X
Divider byte 1
DB1
0
XXXXXXX
Divider byte 2
DB2
XXXXXXXX
Control byte
CB
11001
X
1
0
Band-switch byte
BB
XXXX
0000
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+6
V
VO(n)
output voltage on pins PVHFL, PVHFH and PUHF
−0.3
+6
V
IO(n)
output current on pins PVHFL, PVHFH and PUHF
−1
+30
mA
VO(CP)
charge pump output voltage
−0.3
+6
V
VO(VT)
tuning output voltage
−0.3
+35
V
VI/O(ADC)
ADC input/output voltage
−0.3
+6
V
VI(SCL)
serial clock input voltage
−0.3
+6
V
VI/O(SDA)
serial data input/output voltage
−0.3
+6
V
IO(SDA)
data output current
−1
+10
mA
VI(AS)
address selection input voltage
−0.3
+6
V
VI(XTAL)
crystal oscillator input voltage
−0.3
+6
V
IO(n)
output current of each pin to ground:
for TDA6404, pins 1 to 6 and 17 to 28
−−10
mA
for TDA6405 and TDA6405A, pins 1 to 12 and 23 to 28
−−10
mA
tsc(max)
maximum short-circuit time (all pins to VCC and all pins to GND, RFGND)
10
s
Tstg
IC storage temperature
−40
+150
°C
Tamb
operating ambient temperature
−20
+85
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
85
K/W


유사한 부품 번호 - TDA6404TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6402A PHILIPS-TDA6402A Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6403 PHILIPS-TDA6403 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6403A PHILIPS-TDA6403A Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
More results

유사한 설명 - TDA6404TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
logo
Infineon Technologies A...
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5744 PHILIPS-TDA5744 Datasheet
123Kb / 20P
   Low power mixers/oscillators for hyperband tuners
1998 Mar 09
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com