전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7000 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA7000
상세설명  FM radio circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7000 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA7000 Datasheet HTML 1Page - NXP Semiconductors TDA7000 Datasheet HTML 2Page - NXP Semiconductors TDA7000 Datasheet HTML 3Page - NXP Semiconductors TDA7000 Datasheet HTML 4Page - NXP Semiconductors TDA7000 Datasheet HTML 5Page - NXP Semiconductors TDA7000 Datasheet HTML 6Page - NXP Semiconductors TDA7000 Datasheet HTML 7Page - NXP Semiconductors TDA7000 Datasheet HTML 8Page - NXP Semiconductors TDA7000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
May 1992
5
Philips Semiconductors
Product specification
FM radio circuit
TDA7000
A.C. CHARACTERISTICS
VP = 4,5 V; Tamb = 25 °C; measured in Fig.4 (mute switch open, enabled); frf = 96 MHz (tuned to max. signal
at 5
µV e.m.f.) modulated with ∆f = ± 22,5 kHz; f
m = 1 kHz; EMF = 0,2 mV (e.m.f. voltage at a source impedance of
75
Ω); r.m.s. noise voltage measured unweighted (f = 300 Hz to 20 kHz); unless otherwise specified.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Sensitivity (see Fig.3)
(e.m.f. voltage)
for
−3 dB limiting;
muting disabled
EMF
1,5
−µV
for
−3 dB muting
EMF
6
−µV
for S/N = 26 dB
EMF
5,5
−µV
Signal handling (e.m.f. voltage)
for THD < 10%;
∆f = ± 75 kHz
EMF
200
mV
Signal-to-noise ratio
S/N
60
dB
Total harmonic distortion
at
∆f = ± 22,5 kHz
THD
0,7
%
at
∆f = ± 75 kHz
THD
2,3
%
AM suppression of output voltage
(ratio of the AM output signal
referred to the FM output signal)
FM signal: fm = 1 kHz; ∆f = ± 75 kHz
AM signal: fm = 1 kHz; m = 80%
AMS
50
dB
Ripple rejection (
∆V
P = 100 mV;
f = 1 kHz)
RR
10
dB
Oscillator voltage (r.m.s. value)
at pin 6
V6-5(rms)
250
mV
Variation of oscillator frequency
with supply voltage (
∆V
P = 1 V)
∆f
osc
60
kHz/V
Selectivity
S+300
45
dB
S−300
35
dB
A.F.C. range
∆f
rf
−± 300
kHz
Audio bandwidth at
∆V
o = 3 dB
measured with pre-emphasis (t = 50
µs)
B
10
kHz
A.F. output voltage (r.m.s. value)
at RL = 22 kΩ
Vo(rms)
75
mV
Load resistance
at VP = 4,5 V
RL
−−
22
k
at VP = 9,0 V
RL
−−
47
k


유사한 부품 번호 - TDA7000

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7010 PHILIPS-TDA7010 Datasheet
182Kb / 11P
   FM radio circuit
September 1983
TDA7010T PHILIPS-TDA7010T Datasheet
182Kb / 11P
   FM radio circuit
September 1983
logo
List of Unclassifed Man...
TDA7020T ETC1-TDA7020T Datasheet
252Kb / 6P
   FM RADIO CIRCUIT
logo
NXP Semiconductors
TDA7021 PHILIPS-TDA7021 Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
TDA7021T PHILIPS-TDA7021T Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
More results

유사한 설명 - TDA7000

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7010T PHILIPS-TDA7010T Datasheet
182Kb / 11P
   FM radio circuit
September 1983
logo
List of Unclassifed Man...
TDA7020T ETC1-TDA7020T Datasheet
252Kb / 6P
   FM RADIO CIRCUIT
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
   FM/AM RADIO CIRCUIT
logo
NXP Semiconductors
TDA7021T PHILIPS-TDA7021T Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com