전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC512TWR1-25P-A1 데이터시트(PDF) 2 Page - Cree, Inc

부품명 LC512TWR1-25P-A1
상세설명  5-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

LC512TWR1-25P-A1 데이터시트(HTML) 2 Page - Cree, Inc

  LC512TWR1-25P-A1 Datasheet HTML 1Page - Cree, Inc LC512TWR1-25P-A1 Datasheet HTML 2Page - Cree, Inc LC512TWR1-25P-A1 Datasheet HTML 3Page - Cree, Inc LC512TWR1-25P-A1 Datasheet HTML 4Page - Cree, Inc LC512TWR1-25P-A1 Datasheet HTML 5Page - Cree, Inc LC512TWR1-25P-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT082.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LC52TWR-25P-A (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordinates (x,y) bins shown.
Orders for LC512TWR1-25P-A1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 20 mA.
D
E
F
Y or
above
X
W
V
Rank
D
E
F
Chromaticity
Coordinates
x
0.3541
0.3610
0.4030
0.3822
0.3822
0.4030
0.4490
0.4129
0.4129
0.4490
0.5080
0.4588
y
0.3401
0.3900
0.4250
0.3580
0.3580
0.4250
0.4530
0.3725
0.3725
0.4530
0.4720
0.3838
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Pb content <1000 ppm.
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of the color coordinates is ±0.01.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
8.
Chromaticity Coordinates (x,y)
5860 mcd
4180 mcd
3000 mcd
2130 mcd


유사한 부품 번호 - LC512TWR1-25P-A1

제조업체부품명데이터시트상세설명
logo
Cree, Inc
LC512TWR1-25Q-A1 CREE-LC512TWR1-25Q-A1 Datasheet
349Kb / 6P
   5-mm Round LED
More results

유사한 설명 - LC512TWR1-25P-A1

제조업체부품명데이터시트상세설명
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com