전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7050 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA7050
상세설명  Low voltage mono/stereo power amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7050 데이터시트(HTML) 7 Page - NXP Semiconductors

  TDA7050 Datasheet HTML 1Page - NXP Semiconductors TDA7050 Datasheet HTML 2Page - NXP Semiconductors TDA7050 Datasheet HTML 3Page - NXP Semiconductors TDA7050 Datasheet HTML 4Page - NXP Semiconductors TDA7050 Datasheet HTML 5Page - NXP Semiconductors TDA7050 Datasheet HTML 6Page - NXP Semiconductors TDA7050 Datasheet HTML 7Page - NXP Semiconductors TDA7050 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
June 1989
7
Philips Semiconductors
Product specification
Low voltage mono/stereo power amplifier
TDA7050
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT97-1
92-11-17
95-02-04
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.73
1.14
0.53
0.38
0.36
0.23
9.8
9.2
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
1.15
4.2
0.51
3.2
inches
0.068
0.045
0.021
0.015
0.014
0.009
1.07
0.89
0.042
0.035
0.39
0.36
0.26
0.24
0.14
0.12
0.01
0.10
0.30
0.32
0.31
0.39
0.33
0.045
0.17
0.020
0.13
b2
050G01
MO-001AN
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
8
1
5
4
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
pin 1 index
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1


유사한 부품 번호 - TDA7050

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7050T PHILIPS-TDA7050T Datasheet
54Kb / 9P
   Low voltage mono/stereo power amplifier
July 1994
More results

유사한 설명 - TDA7050

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ILA7050 ETC-ILA7050 Datasheet
104Kb / 2P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7050T PHILIPS-TDA7050T Datasheet
54Kb / 9P
   Low voltage mono/stereo power amplifier
July 1994
logo
KODENSHI_AUK CORP.
KKA7050 KODENSHI-KKA7050 Datasheet
120Kb / 3P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
logo
List of Unclassifed Man...
ADA7555 ETC-ADA7555 Datasheet
336Kb / 1P
   Stereo / Mono Distribution Amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
   Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
   Mono/Stereo High-Power Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com