전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1-PWN1-01-N1 데이터시트(PDF) 4 Page - Cree, Inc

부품명 LM1-PWN1-01-N1
상세설명  SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-PWN1-01-N1 데이터시트(HTML) 4 Page - Cree, Inc

  LM1-PWN1-01-N1 Datasheet HTML 1Page - Cree, Inc LM1-PWN1-01-N1 Datasheet HTML 2Page - Cree, Inc LM1-PWN1-01-N1 Datasheet HTML 3Page - Cree, Inc LM1-PWN1-01-N1 Datasheet HTML 4Page - Cree, Inc LM1-PWN1-01-N1 Datasheet HTML 5Page - Cree, Inc LM1-PWN1-01-N1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT50.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/5
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-PWN1-01-N1
Rev. No.
03
G
Grraapphhss
-90
-60
-30
90
0
30
60
0%
20%
40%
60%
80%
50% Power Angle :
Ie(%)
0
100%
700
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
100%
WAVELENGTH.
25%
0%
75%
50%
500
400
600
800
REVERSE VOLTAGE.
FIG.2 REVERSE CURRENT VS.
Half Power WL=150nm
Vr(V)
-50
-40
-30
-20
-50.0
-40.0
Ir(uA)
0.0
-30.0
-10.0
-20.0
-10
0
FIG.6 FAR FIELD PATTERN
0.0
FORWARD CURRENT
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
20
FIG.5 MAXIMUM FORWARD DC CURRENT VS
TEMPERATURE. DERATING BASED ON Tjmax=110 C
0
40
20
10
0
30
50
0.0
100
60
80
40
T ( C)
Rth j-s=300 C/W
Rth j-a=450 C/W
60.0
40.0
20.0
80.0 100.0
If (mA)
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
0.0
2.0
1.0
3.0
4.0
5.0
3.0
80.0
40.0
20.0
60.0
100.0
If(mA)
4.2
3.4
3.8
4.6
5.0
Vf(V)
Items
Signatures
Date
Revision History
Prepared by
Rev.No
Date
Change Description
WangFJ
2007-04-26
Release. Change IV Rank from T2~U2 (avg) 550mcd to T2~V1
(avg) 600mcd.
Checked by
02
2005-07-28
XieJH
2007-04-26
Approved by
03
2007-04-26 Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
DavidLiu
2007-04-26
FCN#
FCN20070103
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


유사한 부품 번호 - LM1-PWN1-01-N1

제조업체부품명데이터시트상세설명
logo
Cree, Inc
LM1-PWN1-11-N1 CREE-LM1-PWN1-11-N1 Datasheet
354Kb / 6P
   SMD LED
More results

유사한 설명 - LM1-PWN1-01-N1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com