전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7057AQ 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA7057AQ
상세설명  2 x 8 W stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7057AQ 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA7057AQ Datasheet HTML 3Page - NXP Semiconductors TDA7057AQ Datasheet HTML 4Page - NXP Semiconductors TDA7057AQ Datasheet HTML 5Page - NXP Semiconductors TDA7057AQ Datasheet HTML 6Page - NXP Semiconductors TDA7057AQ Datasheet HTML 7Page - NXP Semiconductors TDA7057AQ Datasheet HTML 8Page - NXP Semiconductors TDA7057AQ Datasheet HTML 9Page - NXP Semiconductors TDA7057AQ Datasheet HTML 10Page - NXP Semiconductors TDA7057AQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Apr 07
7
Philips Semiconductors
Product specification
2
× 8 W stereo BTL audio output amplifier
with DC volume control
TDA7057AQ
Fig.3
Quiescent current as a function of supply
voltage.
handbook, halfpage
04
20
VP (V)
40
30
10
0
20
MBG672
812
16
Iq
(mA)
Fig.4 THD as a function of output power.
(1) RL =16 Ω.
(2) RL =8 Ω.
handbook, halfpage
12
THD
(%)
Pout (W)
0
8
10−2
10−1
1
MBG675
10
4
(1)
(2)
Fig.5 THD as a function of frequency.
(1) Gv = 40 dB; Po = 0.5 W.
(2) Gv = 30 dB; Po = 0.5 W.
handbook, halfpage
102
MBG674
10
1
10−2
10−1
f (kHz)
THD
(%)
10
0
4
8
6
2
(2)
(1)
Fig.6
Output power as a function of supply
voltage.
THD = 10%; f = 1 kHz.
(1) RL =8 Ω.
(2) RL =16 Ω.
handbook, halfpage
12
0
4
8
MBG676
020
4
8
12
16
Po
(W)
VP (V)
(2)
(1)


유사한 부품 번호 - TDA7057AQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
More results

유사한 설명 - TDA7057AQ

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com