전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7073A 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA7073A
상세설명  Dual BTL power driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7073A 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA7073A Datasheet HTML 4Page - NXP Semiconductors TDA7073A Datasheet HTML 5Page - NXP Semiconductors TDA7073A Datasheet HTML 6Page - NXP Semiconductors TDA7073A Datasheet HTML 7Page - NXP Semiconductors TDA7073A Datasheet HTML 8Page - NXP Semiconductors TDA7073A Datasheet HTML 9Page - NXP Semiconductors TDA7073A Datasheet HTML 10Page - NXP Semiconductors TDA7073A Datasheet HTML 11Page - NXP Semiconductors TDA7073A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Aug 30
8
Philips Semiconductors
Product specification
Dual BTL power driver
TDA7073A; TDA7073AT
Fig.4 Typical output voltage swing over RL.
handbook, full pagewidth
+ (V
– 2.1) V
P
– (V
– 2.1) V
P
0 V
MCD380


유사한 부품 번호 - TDA7073A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7072 PHILIPS-TDA7072 Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072AT PHILIPS-TDA7072AT Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
More results

유사한 설명 - TDA7073A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
   Dual Channel BTL Power Amplifier
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
   22W BTL DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13127 HITACHI-HA13127 Datasheet
298Kb / 13P
   17W DUAL BTL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
   22W DUAL BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com