์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

P120K ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Bi technologies

๋ถ€ํ’ˆ๋ช… P120K
์ƒ์„ธ๋‚ด์šฉ  12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  BITECH [Bi technologies]
ํ™ˆํŽ˜์ด์ง€  http://www.bitechnologies.com
Logo 

P120K ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Bi technologies

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
Model P120
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 16, 2007
page 1 of 4
BI technologies
12mm Rotary Potentiometer
Single/Dual Unit
Conductive Plastic Element
100,000 Cycle Life
Insulated shaft
RoHS Compliant
MODEL STYLES
MODEL STYLES
MODEL STYLES
MODEL STYLES
Side Adjust, PCB pins, Single unit
P120K
Top Adjust, PCB pins, Single unit
P120PK
Top Adjust, PCB pins, Dual unit
P120KGP
Side Adjust, PCB pins, Dual unit
P120KGE
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
1
1
1
1
Resistance Range, Ohms
1K- 1M
Standard Resistance Tolerance
ยฑ 20%
Residual Resistance
20 ohms max.
Input Voltage, maximum
50 Vac max.
Power rating, Watts
0.05w
Dielectric Strength
300Vac, I minute
Insulation Resistance, Minimum
100M ohms at 250Vdc
Sliding Noise
100mV max.
Gang Error ( Multi-ganged )
-40dB โ€“ 0dB, ยฑ3dB
Actual Electrical Travel, Nominal
270ยฐ
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Total Mechanical Travel
300ยฐยฑ 10ยฐ
Static Stop Strength
50 oz-in
Rotational Torque, Maximum
2.5 oz-in
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Operating Temperature Range
-20ยฐC to +70ยฐC
Rotational Life
100,000 cycles
1
Specifications subject to change without notice.


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
P0909mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100 000 Cycle Life Snap-in Clip RoHS Compliant 1 2 3 Bi technologies
P09X9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100 000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant 1 2 3 4 5 Bi technologies
P16016mm Rotary Potentiometer Conductive Plastic Element 100 000 Cycle Life Metal shaft / Bushing Multi - Ganged available 1 2 3 4 Bi technologies
P110KV11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant 1 2 3 4 Bi technologies
P27027mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant 1 2 3 Bi technologies
P23124mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant 1 2 3 List of Unclassifed Manufacturers
EN1212mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant 1 2 3 Bi technologies
EN1616mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant 1 2 3 Bi technologies
40PR10KLF6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant 1 2 3 Bi technologies
43WR10KLFXX3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant 1 2 3 Bi technologies

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn