전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1403A 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1403A
상세설명  Precision 2.50V Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1403A 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  LM1403A Datasheet HTML 1Page - National Semiconductor (TI) LM1403A Datasheet HTML 2Page - National Semiconductor (TI) LM1403A Datasheet HTML 3Page - National Semiconductor (TI) LM1403A Datasheet HTML 4Page - National Semiconductor (TI) LM1403A Datasheet HTML 5Page - National Semiconductor (TI) LM1403A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Applications
Improved Noise Performance
TLH9757 – 4
g
25V g125V References
TLH9757 – 5
Re
Thin Film Resistor Network
g
005% Matching and 5 ppm Tracking
(Beckman 694-3-R-10K-A)
(Caddock T-914-10K-100-05)
or similar
Multiple Output Voltages
TLH9757 – 6
R e Thin Film Resistor Network
005% Matching and 5 ppm Tracking
(Beckman 694-3-R-10K-A)
(Caddock T-914-10K-100-05)
or similar
TLH9757 – 7
Reference with Booster
TLH9757 – 8
100 mA Boosted Reference
TLH9757 – 9
4


유사한 부품 번호 - LM1403A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
   VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - LM1403A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007_06 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com