전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHY57130CM 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRHY57130CM
상세설명  RADIATION HARDENED POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHY57130CM 데이터시트(HTML) 3 Page - International Rectifier

  IRHY57130CM Datasheet HTML 1Page - International Rectifier IRHY57130CM Datasheet HTML 2Page - International Rectifier IRHY57130CM Datasheet HTML 3Page - International Rectifier IRHY57130CM Datasheet HTML 4Page - International Rectifier IRHY57130CM Datasheet HTML 5Page - International Rectifier IRHY57130CM Datasheet HTML 6Page - International Rectifier IRHY57130CM Datasheet HTML 7Page - International Rectifier IRHY57130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
ÄÅ
Parameter
Up to 500K Rads(Si)1 1000K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
100
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.5
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
25
µA
VDS= 80V, VGS =0V
RDS(on)
Static Drain-to-Source
Ã
0.074
0.09
VGS = 12V, ID =14A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
Ã
0.07
0.085
VGS = 12V, ID =14A
On-State Resistance (TO-257AA)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part numbers IRHY57130CM (JANSR2N7484T3), IRHY53130CM (JANSF2N7484T3) and IRHY54130CM (JANSG2N7484T3)
2. Part number IRHY58130CM (JANSH2N7484T3)
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
Ã
1.2
1.2
VGS = 0V, IS = 18A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
For footnotes refer to the last page
0
20
40
60
80
100
120
0
-5
-8
-10
-15
-20
VGS
Br
I
Au
Ion
LET
Energy
Range
VDS (V)
(MeV/(mg/cm2))
(MeV)
(µm)
@VGS=0V @VGS=-5V @VGS=-10V @VGS=-15V @VGS=-20V
Br
36.7
309
39.5
100
100
100
100
100
I
59.4
341
32.5
100
100
100
35
25
Au
82.3
350
28.4
100
100
80
25
www.irf.com
3
IRHY57130CM, JANSR2N7484T3
nA
V
V


유사한 부품 번호 - IRHY57130CM

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHY57130CM IRF-IRHY57130CM Datasheet
185Kb / 8P
   Simple Drive Requirements
IRHY57130CM IRF-IRHY57130CM_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
More results

유사한 설명 - IRHY57130CM

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHNA57Z60 IRF-IRHNA57Z60 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRH7130 IRF-IRH7130 Datasheet
464Kb / 12P
   RADIATION HARDENED POWER MOSFET
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com