전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8303 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA8303
상세설명  Small signal combination IC for black/white TV
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8303 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA8303 Datasheet HTML 7Page - NXP Semiconductors TDA8303 Datasheet HTML 8Page - NXP Semiconductors TDA8303 Datasheet HTML 9Page - NXP Semiconductors TDA8303 Datasheet HTML 10Page - NXP Semiconductors TDA8303 Datasheet HTML 11Page - NXP Semiconductors TDA8303 Datasheet HTML 12Page - NXP Semiconductors TDA8303 Datasheet HTML 13Page - NXP Semiconductors TDA8303 Datasheet HTML 14Page - NXP Semiconductors TDA8303 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
July 1992
11
Philips Semiconductors
Preliminary specification
Small signal combination IC for black/white TV
TDA8303
TDA8303A
Notes to the characteristics
1. Pin 11 has a double function. When during switch-on a current of 9 mA is supplied to this pin, it is used to start the
horizontal oscillator. The main supply can then be obtained from the horizontal deflection stage. When no current is
supplied to this pin it can be used as a volume control.
2. On set AGC.
3. The input impedance has been chosen such that a SAW filter can be employed.
4. Measured with 0 dB = 450
µV.
5. Measured at 10 mV RMS top sync input signal.
6. Projected zero point; i.e. with switched demodulator.
7. White 10% of the top sync amplitude.
8. Measured according to the test line illustrated by Fig.2. The differential gain is expressed as a percentage of the
difference in peak amplitudes between the largest and smallest value relative to the subcarrier amplitude at blanking
level. The differential phase is defined as the difference in degrees between the largest and smallest phase angle.
The differential gain and phase are measured with a DSB signal.
9. This figure is valid for the complete video signal amplitude (peak white-to-black); see Fig.3. The non
−linearity is
expressed as a percentage of the maximum deviation of a luminance step from the mean step, with respect to the
mean step.
10. The test set
−up and input conditions are illustrated by Fig.4. The figures are measured at an input signal of 10 mV
RMS.
11. Measured with a source impedance of 75
Ω.
12. The sound circuit is measured (unless otherwise specified) with an input signal of V15 of 50 mV RMS, a carrier
frequency of 5.5 MHz at a
∆f of 27.5 kHz. The QL of the demodulator tuned circuit is 16 and the volume control is
Vertical circuit (note 24)
VERTICAL RAMP GENERATOR
I2
input current during scan
−−
2
µA
I2
discharge current during retrace
0.8
mA
V2(p−p)
sawtooth amplitude (peak-to-peak value)
1.9
V
t
interlace timing of the internal pulses
30
32
34
µs
VERTICAL OUTPUT
I3
available output current
V3 = 4 V
−−
3mA
V3
maximum available output voltage
I3 = 0.1 mA
4.4
5
V
VERTICAL FEEDBACK INPUT
V4
DC input voltage
2.9
3.3
3.7
V
V4(p−p)
AC input voltage (peak-to-peak value)
1
V
I4
input current
−−
12
µA
∆t
p
internal pre-correction to sawtooth
3
%
deviation amplitude
50/60 Hz
−−
4%
temperature dependency of the amplitude
Tamb = 20 to
65
°C
−−
2%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
The signal-to-noise ratio = 20
V
O black-to-white
V
nRMS
() atB=5MHz
-----------------------------------------------------------
log


유사한 부품 번호 - TDA8303

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8302H PHILIPS-TDA8302H Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA8305 ETC-TDA8305 Datasheet
24Kb / 1P
   Vision and sound I.F. detectir, horizontal and vertical timebase
logo
NXP Semiconductors
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
More results

유사한 설명 - TDA8303

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4504B PHILIPS-TDA4504B Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com