전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8349A 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA8349A
상세설명  Multistandard IF amplifier and demodulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8349A 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA8349A Datasheet HTML 6Page - NXP Semiconductors TDA8349A Datasheet HTML 7Page - NXP Semiconductors TDA8349A Datasheet HTML 8Page - NXP Semiconductors TDA8349A Datasheet HTML 9Page - NXP Semiconductors TDA8349A Datasheet HTML 10Page - NXP Semiconductors TDA8349A Datasheet HTML 11Page - NXP Semiconductors TDA8349A Datasheet HTML 12Page - NXP Semiconductors TDA8349A Datasheet HTML 13Page - NXP Semiconductors TDA8349A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
February 1991
10
Philips Semiconductors
Product specification
Multistandard IF amplifier and demodulator
TDA8349A
I7
input current
V7 =VP
−−
3
µA
AFC circuit (note 18)
AFC SAMPLE-AND-HOLD/SWITCH (note 19)
AFC switch:
I6
current level below which AFC outputs
switches off
−−−500
µA
I6
maximum AFC switch current
V6 =0V
−−−1mA
I6
maximum leakage current
−−
1
µA
AFC ANALOG OUTPUT (V9 > 8 V; see Figs 4 and 5)
V8(p-p)
output voltage swing (peak-to-peak
value)
10
11
V
I8
maximum output current
500
−−
µA
control steepness
60
75
100
mV/kHz
V8
AFC output voltage
AFC off
5
6
7
V
AFC DIGITAL OUTPUT (see Table 1)
V8,9
output voltage LOW
−−
0.5
V
V8,9
output voltage HIGH
50 k
Ω load
4.5
5.5
V
∆f
frequency swing for switching AFC
output Q1
65
80
100
kHz
I8,9
maximum allowable output current
500
−−
µA
AFC Analog SWITCH (note 20)
I9
minimum sink current for analog AFC
−−
1.5
mA
V9
minimum voltage for negative slope
−−
10.2
V
V9
minimum voltage for positive slope
−−
8.0
V
V9
maximum voltage for positive slope
10.2
−−
V
I9
output current
V9 =VP
500
−µA
I9
output current
V9 = 8 to 10 V
150
−µA
Video transmitter identification output (note 21)
V18
output voltage active
no sync;
I18 =1mA
0.3
0.5
V
I18
output current inactive
sync
−−
3
µA
td
delay time of mute release after sync
insertion
−−
10
ms
I19
allowed leakage current of identification
detector capacitor
−−
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA8349A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8341 PHILIPS-TDA8341 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
More results

유사한 설명 - TDA8349A

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
NXP Semiconductors
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com