전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8380A 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8380A
상세설명  Control circuit for switched mode power supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8380A 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8380A Datasheet HTML 3Page - NXP Semiconductors TDA8380A Datasheet HTML 4Page - NXP Semiconductors TDA8380A Datasheet HTML 5Page - NXP Semiconductors TDA8380A Datasheet HTML 6Page - NXP Semiconductors TDA8380A Datasheet HTML 7Page - NXP Semiconductors TDA8380A Datasheet HTML 8Page - NXP Semiconductors TDA8380A Datasheet HTML 9Page - NXP Semiconductors TDA8380A Datasheet HTML 10Page - NXP Semiconductors TDA8380A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
November 1993
7
Philips Semiconductors
Product specification
Control circuit for switched mode power supplies
TDA8380A
Synchronization
The synchronisation input (pin 11) can be driven by either an optocoupler or a loosely coupled pulse transformer.
Figure 5 illustrates synchronization using the 0.85 V threshold and a digital signal connected to the SYNC input (for
example, an optocoupler between pin 11 and VCC); the duty factor of the pulse is not very important. The oscillator starts
at the first negative going edge of the sync. signal after the low voltage level has been reached. The synchronization
frequency must be lower than the free running frequency. Synchronization must never affect the period time as this will
corrupt the setting of the maximum duty factor.
In Fig.6 the disabling threshold (5.6 V) is used for synchronization. In this case the oscillator starts at the positive going
edge of the sync. signal.
Fig.5 DC coupled synchronization using the 0.85 V level.
Fig.6 DC coupled synchronization using the 5.6 V level.


유사한 부품 번호 - TDA8380A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8385 PHILIPS-TDA8385 Datasheet
199Kb / 21P
   Control circuit for a Self-Oscillating Power Supply SOPS
March 1994
More results

유사한 설명 - TDA8380A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com