전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD284XY 데이터시트(PDF) 1 Page - Jianghai Europe GmbH

부품명 CD284XY
상세설명  EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGHAI [Jianghai Europe GmbH]
홈페이지  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD284XY 데이터시트(HTML) 1 Page - Jianghai Europe GmbH

  CD284XY Datasheet HTML 1Page - Jianghai Europe GmbH CD284XY Datasheet HTML 2Page - Jianghai Europe GmbH CD284XY Datasheet HTML 3Page - Jianghai Europe GmbH CD284XY Datasheet HTML 4Page - Jianghai Europe GmbH CD284XY Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

CD
28 XY Series
2000 - 10 000h at 105°C
· Lowest Impedance
· High Ripple Current
· Switching Power Supplies
Item
Characteristics
Operating Temperature Range (°C)
-40 ~ +105
Voltage Range (V)
6,3 ~ 100
Capacitance Range (µF)
5,6 ~ 6 800
Capacitance Tolerance (20°C, 120Hz)
± 20%
Leakage Current (µA)
After 2 minutes at 20°C application of rated voltage, leakage current is not more than 0,01CV or 3, whichever is greater.
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
6,
10
16
2

0
6
100
Tan
δ(max)
0,22
0,19
0,16
0,14
0,12
0,10
0,09
0,08
For Capacitances >1 000µF add 0,02 to every 1 000µF
Stability at Low Temperature
(Impedance Ratio at 120Hz)
Rated Voltage (V)
6,3 ~ 100
Z
-25°C / Z +20°C
2
Z
-40°C / Z +20°C
3
Useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
L = 7
: 2 000h
Ø ≥ 8:
> 250 000h
L = 7
: 1 000h
L = 7
: 1 500h
1 000h
L ≥ 11
Ø ≤ 6,3
Ø 8
Ø 10
Ø ≥ 12,5
:  000h
: 6 000h
: 8 000h
: 10 000h
L ≥ 11
Ø ≤ 6,3
Ø 8
Ø 10
Ø ≥ 12,5
: 2 000h
: 3 000h
: 4 000h
: 5 000h
L ≥ 11
Ø ≤ 6,3
Ø 8
Ø 10
Ø ≥ 12,5
: 2 500h
: 3 500h
: 5 000h
: 6 000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacity Change
Within ± 50% of initial value
Within ± 25% of initial value
Within ± 25% of initial
value
Within ± 20% of initial value
Dissipation Factor
Not more than 500% of specified value
Not more than 200% of
specified value
Not more than 200% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
Failure Rate Level
U
R
I
R
105°C
≤ 1% Failure Rate
U
R
1,4 x I
R
40°C
≤ 1% Failure Rate
U
R
I
R
105°C
guaranteed
U
R
I
R = 0
105°C
U
R = 0
I
R
= 0
105°C
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
Capacitance (µF)
120Hz
1kHz
10kHz
100kHz
5,6 ~ 33
0,42
0,70
0,90
1,00
39 ~ 270
0,50
0,73
0,92
1,00
330 ~ 680
0,55
0,77
0,94
1,00
820 ~ 1 800
0,60
0,80
0,96
1,00
2 200 ~ 6 800
0,70
0,85
0,98
1,00
Multiplier for Ripple Current
Frequency Coefficient
I
A = actual ripple current at 100kHz, IR = rated ripple current at 100kHz, 105°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Lifetime Diagram
40
50
60
70
80
90
100
110
CD 284 XY Series
TA (˚C)
IA
–––
IR
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
CD
269 PH
CD
284 XY
CD
287 GC
125°C
CD
281 LL
lower ESR
longest life
CD
110 PT
CD
28L QL
lowest ESR
85°C
smaller
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


유사한 부품 번호 - CD284XY

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
logo
List of Unclassifed Man...
CD2822 ETC2-CD2822 Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
More results

유사한 설명 - CD284XY

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD287GC JIANGHAI-CD287GC Datasheet
1,010Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CDVZVZ JIANGHAI-CDVZVZ Datasheet
779Kb / 3P
   EC SMD 105째C 2.000-3.000h Lifetime Low Impedance ESR(SMD)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CDVHVH JIANGHAI-CDVHVH Datasheet
601Kb / 3P
   EC SMD Standard 105째C 2.000-3.000h Lifetime(SMD)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com