전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8871SPWR 데이터시트(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC8871SPWR
상세설명  16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8871SPWR 데이터시트(HTML) 5 Page - Burr-Brown (TI)

  DAC8871SPWR Datasheet HTML 1Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 2Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 3Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 4Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 5Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 6Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 7Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 8Page - Burr-Brown (TI) DAC8871SPWR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
PIN CONFIGURATION (NOT TO SCALE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DGND
LDAC
SDI
SCLK
CS
RST
RSTSEL
V
DD
V
OUT
V
CC
V
SS
AGND
V
-F
REFH
V
-S
REFH
V
-S
REFL
V
-F
REFL
DAC8871
DAC8871
SBAS396 – JUNE 2007
PW PACKAGE
TSSOP-16
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
1
VOUT
Analog output of the DAC
2
VCC
Positive analog power supply: +15V
3
VSS
Negative analog power supply: –15V
4
AGND
Analog ground
5
VREFH-F
VREFH reference input (Force). Connect to external VREFH.
6
VREFH-S
VREFH reference input (Sense). Connect to external VREFH.
7
VREFL-S
VREFL reference input (Sense). Connect to external VREFL.
8
VREFL-F
VREFL reference input (Force). Connect to external VREFL.
9
VDD
Digital power. +5V for 5V interface logic; +3V for 3V logic.
Power-On-Reset select. Determines VOUT after power-on reset. If tied to VDD, the DAC latch is set to mid-scale
10
RSTSEL
after power-on, and VOUT is (VREFH– VREFL)/2. If tied to DGND, the DAC latch is cleared ('0'), and VOUT is VREFL.
11
RST
Reset (active low)
12
CS
Chip select input (active low). Data are not clocked into SDI unless CS is low.
13
SCLK
Serial clock input
14
SDI
Serial data input. Data are latched into input register on the rising edge of SCLK.
Load DAC control input (active low). When LDAC is low, the DAC latch is simultaneously updated with the content
15
LDAC
of the input register.
16
DGND
Digital ground
5
Submit Documentation Feedback


유사한 부품 번호 - DAC8871SPWR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC8871SPWR BURR-BROWN-DAC8871SPWR Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
DAC8871SPWRG4 BURR-BROWN-DAC8871SPWRG4 Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC8871SPWR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC8871 BURR-BROWN-DAC8871_08 Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com