전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZP96NG 데이터시트(PDF) 3 Page - Arizona Microtek, Inc

부품명 AZP96NG
상세설명  ECL/PECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP96NG 데이터시트(HTML) 3 Page - Arizona Microtek, Inc

  AZP96NG Datasheet HTML 1Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 2Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 3Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 4Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 5Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AZP96
April 2007 * REV 1
www.azmicrotek.com
3
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND; VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay
to Output
(Diff)
(SE)
125
75
250
250
375
425
175
125
250
250
325
375
175
125
250
250
325
375
205
155
280
280
355
405
ps
tSKEW
Duty Cycle Skew
1(Diff)
5
5
20
5
20
5
20
ps
VPP (AC)
Minimum Input Swing
2
150
150
150
150
mV
VCMR
Common Mode Range
3
VPP < 500mV
VPP ≥ 500mV
VEE +
1.2
1.5
VCC -
0.4
0.4
VEE +
1.1
1.4
VCC -
0.4
0.4
VEE +
1.1
1.4
VCC -
0.4
0.4
VEE +
1.1
1.4
VCC -
0.4
0.4
V
tr / tf
Output Rise/Fall Times Q
(20% - 80%)
100
260
100
260
100
260
100
260
ps
1.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
2.
VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed. The device has a DC gain of ≈ 40.
3.
The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPP(min) and 1V.


유사한 부품 번호 - AZP96NG

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZP96NG AZM-AZP96NG Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96NG AZM-AZP96NG Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
More results

유사한 설명 - AZP96NG

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com